Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640FT Datasheet(PDF) 34 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 30Page - STMicroelectronics M29W640FT Datasheet HTML 31Page - STMicroelectronics M29W640FT Datasheet HTML 32Page - STMicroelectronics M29W640FT Datasheet HTML 33Page - STMicroelectronics M29W640FT Datasheet HTML 34Page - STMicroelectronics M29W640FT Datasheet HTML 35Page - STMicroelectronics M29W640FT Datasheet HTML 36Page - STMicroelectronics M29W640FT Datasheet HTML 37Page - STMicroelectronics M29W640FT Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
6 Maximum rating
M29W640FT, M29W640FB
34/72
6
Maximum rating
Stressing the device above the rating listed in the Absolute Maximum Ratings table may cause
permanent damage to the device. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. These are stress ratings only and operation of
the device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Refer also to the STMicroelectronics SURE Program and other
relevant quality documents.
Table 9.
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
TBIAS
Temperature Under Bias
–50
125
°C
TSTG
Storage Temperature
–65
150
°C
VIO
Input or Output Voltage(1)(2)
1.
Minimum voltage may undershoot to
–2V during transition and for less than 20ns during transitions.
2.
Maximum voltage may overshoot to VCC +2V during transition and for less than 20ns during transitions.
–0.6
VCC +0.6
V
VCC
Supply Voltage
–0.6
4V
VID
Identification Voltage
–0.6
13.5V
VPP
(3)
3.VPP must not remain at 12V for more than a total of 80hrs.
Program Voltage
–0.6
13.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com