Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640FT Datasheet(PDF) 71 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 71 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 64Page - STMicroelectronics M29W640FT Datasheet HTML 65Page - STMicroelectronics M29W640FT Datasheet HTML 66Page - STMicroelectronics M29W640FT Datasheet HTML 67Page - STMicroelectronics M29W640FT Datasheet HTML 68Page - STMicroelectronics M29W640FT Datasheet HTML 69Page - STMicroelectronics M29W640FT Datasheet HTML 70Page - STMicroelectronics M29W640FT Datasheet HTML 71Page - STMicroelectronics M29W640FT Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
M29W640FT, M29W640FB
10 Revision History
71/72
10
Revision History
Table 30.
Document Revision History
Date
Version
Revision Details
01-Mar-2005
0.1
First Issue.
17-May-2005
0.2
Asynchronous Page mode added.
70ns speed class added.
07-Oct-2005
1.0
Device codes modified.
TFBGA63 replaced by TFBGA48 6x8 package. ECOPACK text updated
Page size changed to 4 Word.
90ns speed class removed.
Quadruple Word/Octuple Byte Program command added.
Table 3: Bus Operations, BYTE = VIL and Table 4: Bus Operations, BYTE = VIH: A0-
A21 addresses for reading the Device Code, the Manufacturer Code, the Extended
Memory Block Verify Code, and the Block Protection Status, have been updated.
Appendix D: Block Protection: Table 29: Programmer Technique Bus Operations, BYTE
= VIH or VIL: A0-A21 addresses updated for Block Protection/Unprotection Verify using
the Programmer technique.
02-Dec-20052
Datasheet status changed to
“Full Datasheet”.
60ns speed class added.
Program Suspend and Resume added.
Section 2.8: VPP/Write Protect (VPP/WP) and Section 4.2: Fast Program commands.
Section 4: Command Interface restructured.
Table 28: Extended Block Address and Data updated.
15-Dec-20053
Double Byte Program commands added in Section 4: Command Interface.
Table 3: Bus Operations, BYTE = VIL and Table 4: Bus Operations, BYTE = VIH.: A6
changed from VIH to VIL for Read Block Protection Status operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com