Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640FT Datasheet(PDF) 48 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 44Page - STMicroelectronics M29W640FT Datasheet HTML 45Page - STMicroelectronics M29W640FT Datasheet HTML 46Page - STMicroelectronics M29W640FT Datasheet HTML 47Page - STMicroelectronics M29W640FT Datasheet HTML 48Page - STMicroelectronics M29W640FT Datasheet HTML 49Page - STMicroelectronics M29W640FT Datasheet HTML 50Page - STMicroelectronics M29W640FT Datasheet HTML 51Page - STMicroelectronics M29W640FT Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
9 Part Numbering
M29W640FT, M29W640FB
48/72
28
64/32
Protection Group
1C0000h
–1CFFFFh
0E0000h
–0E7FFFh
29
64/32
1D0000h
–1DFFFFh
0E8000h
–0EFFFFh
30
64/32
1E0000h
–1EFFFFh
0F0000h
–0F7FFFh
31
64/32
1F0000h
–1FFFFFh
0F8000h
–0FFFFFh
32
64/32
Protection Group
200000h
–20FFFFh
100000h
–107FFFh
33
64/32
210000h
–21FFFFh
108000h
–10FFFFh
34
64/32
220000h
–22FFFFh
110000h
–117FFFh
35
64/32
230000h
–23FFFFh
118000h
–11FFFFh
36
64/32
Protection Group
240000h
–24FFFFh
120000h
–127FFFh
37
64/32
250000h
–25FFFFh
128000h
–12FFFFh
38
64/32
260000h
–26FFFFh
130000h
–137FFFh
39
64/32
270000h
–27FFFFh
138000h
–13FFFFh
40
64/32
Protection Group
280000h
–28FFFFh
140000h
–147FFFh
41
64/32
290000h
–29FFFFh
148000h
–14FFFFh
42
64/32
2A0000h
–2AFFFFh
150000h
–157FFFh
43
64/32
2B0000h
–2BFFFFh
158000h
–15FFFFh
44
64/32
Protection Group
2C0000h
–2CFFFFh
160000h
–167FFFh
45
64/32
2D0000h
–2DFFFFh
168000h
–16FFFFh
46
64/32
2E0000h
–2EFFFFh
170000h
–177FFFh
47
64/32
2F0000h
–2FFFFFh
178000h
–17FFFFh
48
64/32
Protection Group
300000h
–30FFFFh
180000h
–187FFFh
49
64/32
310000h
–31FFFFh
188000h
–18FFFFh
50
64/32
320000h
–32FFFFh
190000h
–197FFFh
51
64/32
330000h
–33FFFFh
198000h
–19FFFFh
52
64/32
Protection Group
340000h
–34FFFFh
1A0000h
–1A7FFFh
53
64/32
350000h
–35FFFFh
1A8000h
–1AFFFFh
54
64/32
360000h
–36FFFFh
1B0000h
–1B7FFFh
55
64/32
370000h
–37FFFFh
1B8000h
–1BFFFFh
56
64/32
Protection Group
380000h
–38FFFFh
1C0000h
–1C7FFFh
57
64/32
390000h
–39FFFFh
1C8000h
–1CFFFFh
58
64/32
3A0000h
–3AFFFFh
1D0000h
–1D7FFFh
59
64/32
3B0000h
–3BFFFFh
1D8000h
–1DFFFFh
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com