Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640FT Datasheet(PDF) 35 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 31Page - STMicroelectronics M29W640FT Datasheet HTML 32Page - STMicroelectronics M29W640FT Datasheet HTML 33Page - STMicroelectronics M29W640FT Datasheet HTML 34Page - STMicroelectronics M29W640FT Datasheet HTML 35Page - STMicroelectronics M29W640FT Datasheet HTML 36Page - STMicroelectronics M29W640FT Datasheet HTML 37Page - STMicroelectronics M29W640FT Datasheet HTML 38Page - STMicroelectronics M29W640FT Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
M29W640FT, M29W640FB
7 DC and AC parameters
35/72
7
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC Characteristic tables that follow
are derived from tests performed under the Measurement Conditions summarized in the
relevant tables. Designers should check that the operating conditions in their circuit match the
measurement conditions when relying on the quoted parameters.
Table 10.
Operating and AC Measurement Conditions
Figure 6.
AC Measurement I/O Waveform
Figure 7.
AC Measurement Load Circuit
Parameter
M29W640FT, M29W640FB
Unit
Min
Max
VCC Supply Voltage
2.7
3.6V
Ambient Operating Temperature
–40
85
°C
Load Capacitance (CL)
30
pF
Input Rise and Fall Times
10
ns
Input Pulse Voltages
0 to VCC
V
Input and Output Timing Ref. Voltages
VCC/2
V
AI05557
VCC
0V
VCC/2
AI05558
CL
CL includes JIG capacitance
DEVICE
UNDER
TEST
25k
VCC
25k
VCC
0.1
µF
VPP
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com