Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640FT Datasheet(PDF) 27 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 23Page - STMicroelectronics M29W640FT Datasheet HTML 24Page - STMicroelectronics M29W640FT Datasheet HTML 25Page - STMicroelectronics M29W640FT Datasheet HTML 26Page - STMicroelectronics M29W640FT Datasheet HTML 27Page - STMicroelectronics M29W640FT Datasheet HTML 28Page - STMicroelectronics M29W640FT Datasheet HTML 29Page - STMicroelectronics M29W640FT Datasheet HTML 30Page - STMicroelectronics M29W640FT Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
M29W640FT, M29W640FB
4 Command Interface
27/72
4.3.3
Block Protect and Chip Unprotect commands
Groups of blocks can be protected against accidental Program or Erase. The Protection
Groups are shown in Appendix A: Block addresses, Table 20: Top Boot Block Addresses,
M29W640FT and Table 21: Bottom Boot Block Addresses, M29W640FB. The whole chip can
be unprotected to allow the data inside the blocks to be changed.
Block Protect and Chip Unprotect operations are described in Appendix D: Block Protection.
Table 5.
Commands, 16-bit mode, BYTE = VIH
1.
X Don
’t Care, PA Program Address, PD Program Data, BA Any address in the Block. All values in the table are in
hexadecimal.
The Command Interface only uses A
–1, A0-A10 and DQ0-DQ7 to verify the commands; A11-A20, DQ8-DQ14 and DQ15
are Don
’t Care. DQ15A–1 is A–1 when BYTE is V
IL or DQ15 when BYTE is VIH.
Command
Bus Write Operations
1st
2nd
3rd
4th
5th
6th
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read/Reset
1
X
F0
3
555
AA
2AA
55
X
F0
Auto Select
3
555
AA
2AA
55
555
90
Program
4
555
AA
2AA
55
555
A0
PA
PD
Double Word Program
3
555
50
PA0
PD0
PA1
PD1
Quadruple Word
Program
5
555
56
PA0
PD0
PA1
PD1
PA2
PD2
PA3
PD3
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass
Program
2
X
A0
PA
PD
Unlock Bypass Reset
2
X
90
X
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Block Erase
6+
555
AA
2AA
55
555
80
555
AA
2AA
55
BA
30
Program/Erase
Suspend
1
X
B0
Program/Erase
Resume
1
X
30
Read CFI Query
1
55
98
Enter Extended Block
3
555
AA
2AA
55
555
88
Exit Extended Block
4
555
AA
2AA
55
555
90
X
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com