Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640FT Datasheet(PDF) 16 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 12Page - STMicroelectronics M29W640FT Datasheet HTML 13Page - STMicroelectronics M29W640FT Datasheet HTML 14Page - STMicroelectronics M29W640FT Datasheet HTML 15Page - STMicroelectronics M29W640FT Datasheet HTML 16Page - STMicroelectronics M29W640FT Datasheet HTML 17Page - STMicroelectronics M29W640FT Datasheet HTML 18Page - STMicroelectronics M29W640FT Datasheet HTML 19Page - STMicroelectronics M29W640FT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
3 Bus operations
M29W640FT, M29W640FB
16/72
3.5
Automatic Standby
If CMOS levels (VCC ± 0.2V) are used to drive the bus and the bus is inactive for 300ns or more
the memory enters Automatic Standby where the internal Supply Current is reduced to the
Standby Supply Current, ICC2. The Data Inputs/Outputs will still output data if a Bus Read
operation is in progress.
3.6
Special Bus Operations
Additional bus operations can be performed to read the Electronic Signature and also to apply
and remove Block Protection. These bus operations are intended for use by programming
equipment and are not usually used in applications. They require VID to be applied to some
pins.
3.6.1
Electronic Signature
The memory has two codes, the manufacturer code and the device code, that can be read to
identify the memory. These codes can be read by applying the signals listed in Table 3: Bus
Operations, BYTE = VIL and Table 4: Bus Operations, BYTE = VIH.
3.6.2
Block Protect and Chip Unprotect
Groups of blocks can be protected against accidental Program or Erase. The Protection
Groups are shown in Appendix A: Block addresses Table 20 and Table 21. The whole chip can
be unprotected to allow the data inside the blocks to be changed.
The VPP/Write Protect pin can be used to protect the two outermost boot blocks. When VPP/
Write Protect is at VIL the two outermost boot blocks are protected and remain protected
regardless of the Block Protection Status or the Reset/Block Temporary Unprotect pin status.
Block Protect and Chip Unprotect operations are described in Appendix D: Block Protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com