Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640FT Datasheet(PDF) 56 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 56 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 52Page - STMicroelectronics M29W640FT Datasheet HTML 53Page - STMicroelectronics M29W640FT Datasheet HTML 54Page - STMicroelectronics M29W640FT Datasheet HTML 55Page - STMicroelectronics M29W640FT Datasheet HTML 56Page - STMicroelectronics M29W640FT Datasheet HTML 57Page - STMicroelectronics M29W640FT Datasheet HTML 58Page - STMicroelectronics M29W640FT Datasheet HTML 59Page - STMicroelectronics M29W640FT Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
9 Part Numbering
M29W640FT, M29W640FB
56/72
127
64/32
Protection Group
780000h-78FFFFh
3C0000h
–3C7FFFh
128
64/32
790000h-79FFFFh
3C8000h
–3CFFFFh
129
64/32
7A0000h-7AFFFFh
3D0000h
–3D7FFFh
130
64/32
7B0000h-7BFFFFh
3D8000h
–3DFFFFh
131
64/32
Protection Group
7C0000h-7CFFFFh
3E0000h
–3E7FFFh
132
64/32
7D0000h-7DFFFFh
3E8000h
–3EFFFFh
133
64/32
7E0000h-7EFFFFh
3F0000h
–3F7FFFh
134
64/32
7F0000h-7FFFFFh
3F8000h
–3FFFFFh
1.
Used as the Extended Block Addresses in Extended Block mode.
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com