Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK060 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RAMK060
Description  Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK060 Datasheet(HTML) 4 Page - Vishay Siliconix

  RAMK060 Datasheet HTML 1Page - Vishay Siliconix RAMK060 Datasheet HTML 2Page - Vishay Siliconix RAMK060 Datasheet HTML 3Page - Vishay Siliconix RAMK060 Datasheet HTML 4Page - Vishay Siliconix RAMK060 Datasheet HTML 5Page - Vishay Siliconix RAMK060 Datasheet HTML 6Page - Vishay Siliconix RAMK060 Datasheet HTML 7Page - Vishay Siliconix RAMK060 Datasheet HTML 8Page - Vishay Siliconix RAMK060 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RAMK060
www.vishay.com
Vishay MCB
Revision: 03-May-2022
4
Document Number: 32579
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SELF-MONITORING
All frame includes 3 status bits. These 3 status bits form a 3 bits word.
3 BITS STATUS WORD
BIT A1
BIT A2
BIT A3
DECIMAL
VALUE
LED
STATUS
INFORMATION
ACTION
PRIORITY
LEVEL
MSB
LSB
Normal
operation
0
0
0
0
Green
Frame without error or warning.
No action required.
-
Temperature
overflow
01
1
3
Red
This error is set if the temperature
of the sensor is superior to +85 °C
or inferior to -40 °C.
This information is sent until
temperature is over range.
Set the environmental
temperature between
-40 °C to +85 °C .
1
(highest)
Mechanical
mounting error
00
1
1
Red
This error is set when the
mechanical tolerances of the
airgap parameter are out of range.
This information is sent until power
supply turns off.
The mechanical
mounting must be
adjusted.
2
Cells default
0
1
0
2
Red
This error occurs when a magnetic
cell is temporary or completely
out of order.
This error is sent at each
concerned frame.
Check the sensor
integrity.
3
Need
self-calibration
10
0
4
Orange
To get the best performances,
a self-calibration is required.
This information is available until
power supply turns off.
The self-calibration
shall be start.
4
Self-calibration
error
10
1
5
Orange
This warning occurs when the
self-calibration is not ended
correctly. The factory settings
are restored.
This information is available until
power supply turns off.
The self-calibration
shall be restarted.
5
Multi-turn
counter error
11
0
6
Green
This warning occurs when at the
power on the sensor has detected
an excessive displacement during
the power off. This warning and
the multi-turns counter are reset at
the next power on.
No action required.
6
Internal angle
correction
11
1
7
Orange
stealthily
This warning occurs when the
sensor has performed an internal
correction error.
This warning is sent at each
concerned frame.
It is advisable to
adjust the mechanical
assembly or to
perform a self-
calibration.
7
(lowest)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com