Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK060 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # RAMK060
Description  Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK060 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button RAMK060 Datasheet HTML 7Page - Vishay Siliconix RAMK060 Datasheet HTML 8Page - Vishay Siliconix RAMK060 Datasheet HTML 9Page - Vishay Siliconix RAMK060 Datasheet HTML 10Page - Vishay Siliconix RAMK060 Datasheet HTML 11Page - Vishay Siliconix RAMK060 Datasheet HTML 12Page - Vishay Siliconix RAMK060 Datasheet HTML 13Page - Vishay Siliconix RAMK060 Datasheet HTML 14Page - Vishay Siliconix RAMK060 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RAMK060
www.vishay.com
Vishay MCB
Revision: 03-May-2022
13
Document Number: 32579
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPROACH NO. 2: SELF-CALIBRATION
Comment: it is the case for the customer’s equipment whose mechanical tolerances are NOT under the tolerances described
in Approach No. 1, a self-calibration can be used to compensate the misalignment (= eccentricity between rotor axis and stator
axis) and the runout of the customer shaft for the rotor centering (eccentricity mounting of the rotor).
Other case where the self-calibration has to be used, it is when the sensor sets the auto-calibration flag (conditions to use the
self-calibration procedure: Table 14).
Self-Calibration Procedure
1. How to know if the encoder needs a self-calibration
a. Mount the encoder
b. Plug the connector
c. Turn-on the power supply
d. Turn the rotor (at least 360°)
e. Look at the LED color
Reminder: similar data are available across the output frame “status bits of self-monitoring”:
• “Normal operation” = green color
• “Need self-calibration” = orange color
• “Mechanical mounting error” = red color
2. How to do the self-calibration
a. The encoder is mounted, the connector is unplug
b. Plug the shunt supplied by Vishay and turn-on the power supply (the red LED is blinking)
c. Turn the rotor with a maximum rotation speed of 10 rpm (at least 360°) (acquisition of data = the orange LED is blinking)
d. When the green and orange LEDs are blinking, the correction calculation is in progress
e. When the green LED is blinking, the correction calculation is finished
f. Turn off the power supply and unplug the shunt
g. Plug the connector, turn-on the power supply, turn the rotor (at 360°) and look at the LED color.
Green LED: ON | Red LED: OFF | Orange LED: OFF
h. The encoder is ready to be used with full performances
Note
• The procedure of self-calibration is also described in video available to ask for Vishay
Case 1
Green LED: ON
Red LED: OFF
Orange LED: OFF
The encoder is ready to be used with full performances
Case 2
Green LED: OFF
Red LED: ON
Orange LED: OFF
Bad mechanical position, adjust the mechanical position
Case 3
Green LED: OFF
Red LED: OFF
Orange LED: ON
Do the self-calibration
SUMMARY
LED COLOR
STATUS
ACTION
Green
Ready to use with full performances
None
Orange
The resolution and / or the accuracy might be out of specification
Do the self-calibration
Red
Bad mechanical position
Adjust the mechanical position
No light
No power
Check the power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com