Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK060 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # RAMK060
Description  Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK060 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button RAMK060 Datasheet HTML 3Page - Vishay Siliconix RAMK060 Datasheet HTML 4Page - Vishay Siliconix RAMK060 Datasheet HTML 5Page - Vishay Siliconix RAMK060 Datasheet HTML 6Page - Vishay Siliconix RAMK060 Datasheet HTML 7Page - Vishay Siliconix RAMK060 Datasheet HTML 8Page - Vishay Siliconix RAMK060 Datasheet HTML 9Page - Vishay Siliconix RAMK060 Datasheet HTML 10Page - Vishay Siliconix RAMK060 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RAMK060
www.vishay.com
Vishay MCB
Revision: 03-May-2022
7
Document Number: 32579
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPI INTERFACE (Optional)
Fig. 5 - SPI Chronogram
TABLE 7 - SPI CONNECTOR
PIN NO.
NAME
1VCC power supply
2CLK
3DATA
4CS
5NC
6
GND power supply
TABLE 8 - SPI PARAMETERS
PARAMETER
INFORMATION
SPI configuration
Slave mode only
CLK and DATA
TTL 3.3 V or 5 V
Output DATA
Left aligned
Clock frequency (tclk)
Up to 4 MHz
ts (time to start)
1 μs minimum
Data bit status
3
Data bits (angle value)
19
Parity bit
ODD
Time out (time between two requests)
6 μs minimum
TABLE 9 - SPI DATA BITS FORMAT
ANGLE VALUE SPI DATA BITS FORMAT
FRAME BITS (SPI CHRONOGRAM FIG. 5)
FUNCTION
Bit 0
Status bit A1
Bit 1
Status bit A2
Bit 2
Status bit A3
Bit 3
Data MSB
Bit 21
Data LSB
Bit 22
Always = 0
Bit 23
Parity
A1
CPOL = 1
CPHA = 1
A2
A3
MSB
LSB
P
A1
A2
A3
MSB
SPI Slave Mode
Bit 0
Bit 1
Bit 2
Bit 3
Bit 20
Bit 21
Bit 22
Bit 23
ts = 1 µs
tp = 6 µs
tclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com