Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK060 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # RAMK060
Description  Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK060 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button RAMK060 Datasheet HTML 7Page - Vishay Siliconix RAMK060 Datasheet HTML 8Page - Vishay Siliconix RAMK060 Datasheet HTML 9Page - Vishay Siliconix RAMK060 Datasheet HTML 10Page - Vishay Siliconix RAMK060 Datasheet HTML 11Page - Vishay Siliconix RAMK060 Datasheet HTML 12Page - Vishay Siliconix RAMK060 Datasheet HTML 13Page - Vishay Siliconix RAMK060 Datasheet HTML 14Page - Vishay Siliconix RAMK060 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
RAMK060
www.vishay.com
Vishay MCB
Revision: 03-May-2022
14
Document Number: 32579
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
The self-calibration is operational when the requirements are in accordance with Table 14.
Note
• Values at room temperature
• Recommended screws for the rotor: M2 ISO 4762 (stainless steel A4) with recommended torque = 0.3 Nm ± 10 % + narrow
washer M2 NFE 25514 “Z” type (stainless steel A4) thickness 0.5 mm. It is recommended to add glue on screws threads
function of environmental and use conditions
• Recommended screws for the stator: M1.6 ISO 1207 (stainless steel A4, screw head diameter
≤ 3.2 mm and screw head
height
≤ 1 mm) with recommended torque = 0.10 Nm ± 10 % + washer M1.6 DIN 125 (insulated raw material) thickness
0.3 mm. It is recommended to add glue on screws function of environmental and use conditions
OTHER INFORMATION
ATTENTION!
Observe Precautions for Handling Electrostatic
Sensitive Devices!
Do not use magnetic parts around the encoder!
WARNING: the rotor and the stator must have the same serial number!
• Do not damage the magnetic disk surface
• Do not put the disk in contact with metallic particles
• Do not use cleaning product or chemical product
ACCESSORY ON REQUEST
TRANSFER ADAPTOR TO PROVIDE A FLAT FLEX CABLE WITH DIFFERENT PINNING AT THE OUTPUT
TABLE 14 - RECOMMENDED DIMENSIONS AND TOLERANCES OF CUSTOMER INTERFACES TO
USE THE SELF-CALIBRATION PROCEDURE
Rep 3
Diameter runout of the customer shaft for the rotor centering
(included gap between customer shaft and inner rotor diameter) (see Fig. 9)
< 0.08 mm
Rep 4
Misalignment: concentricity of the stator centering diameter versus shaft centering diameter
(included tolerances of customer holder and stator interface) (see Fig. 9)
± 0.8 mm
Rep 5
Position of the stator reference bottom surface versus rotor reference bottom surface (see Fig. 9)
(air-gap: the condition of previous line avoids to measure the air-gap)
2.65 mm ± 0.2 mm
(air-gap = 0.5 mm ± 0.2 mm)
Rep 6
Total beat included in the air-gap between Ref. C (rotor) and Ref. D (stator) (see Fig. 10)
< 0.2 mm
CONNECTOR J1
CONNECTOR J2
ENCODER RAMK SIDE
CUSTOMER DEVICE SIDE
PIN NO.
SPI
SSI/Biss-C PIN NO.
SPI
SSI/Biss-C
CONNECTOR J1
CONNECTOR J2
1
VCC
VCC
1
VCC
VCC
Pin 1
connected to
Pin 1
2
CLK
CLK+
2
Not connected
Data-
Pin 2
connected to
Pin 4
3
MISO
CLK-
3
MISO
CLK-
Pin 3
connected to
Pin 3
4
CS
Data+
4
CLK
CLK+
Pin 4
connected to
Pin 5
5
Not connected
Data-
5
CS
Data+
Pin 5
connected to
Pin 2
6
GND
GND
6
GND
GND
Pin 6
connected to
Pin 6
1
6
1
6
Side connector no. 1
Compatible WR-FFC 687606050002
Side connector no. 2
Compatible WR-FFC 686606050001
Distance between support tapes: 32 mm
4 ± 1
3.5 ± 0.08
7 ± 0.1
J1
J2
Support tape
length: 8
Support tape
length: 10
28.2 ± 0.5
5 ± 1
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com