Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK060 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # RAMK060
Description  Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK060 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button RAMK060 Datasheet HTML 6Page - Vishay Siliconix RAMK060 Datasheet HTML 7Page - Vishay Siliconix RAMK060 Datasheet HTML 8Page - Vishay Siliconix RAMK060 Datasheet HTML 9Page - Vishay Siliconix RAMK060 Datasheet HTML 10Page - Vishay Siliconix RAMK060 Datasheet HTML 11Page - Vishay Siliconix RAMK060 Datasheet HTML 12Page - Vishay Siliconix RAMK060 Datasheet HTML 13Page - Vishay Siliconix RAMK060 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RAMK060
www.vishay.com
Vishay MCB
Revision: 03-May-2022
10
Document Number: 32579
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING INFORMATION (All Versions)
SENSOR DIMENSIONS
Stator
(PCB)
Ø 0.05 B
Rotor
(stainless steel
alloy + magnet)
Stator
A
A
Ø 47.5
4 x Ø 1.8 ± 0.1
Ø 0.1 CZ CD
Data output connector
DETAIL B
5:1
Ø 0.05 B
Ø 0.05 B
Ø 57 ± 0.1 E
Ø 25
E
+ 0.013
0
Ø 34.9 ± 0.1 E
Ø 32.5 ± 0.1 E
Ø 35.8 ± 0.1 E
Ø 59.9 ± 0.1 E
Ø 0
A
M
1.425 ± 0.45
2.65 ± 0.2
2.7 ± 0.3
(Air-gap: 0.5 ± 0.2
for information only)
2.225 ± 0.1
3.1 ± 0.2
6.5 max.
Rep 5
A-A
B
B
D
C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com