Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK060 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # RAMK060
Description  Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK060 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button RAMK060 Datasheet HTML 4Page - Vishay Siliconix RAMK060 Datasheet HTML 5Page - Vishay Siliconix RAMK060 Datasheet HTML 6Page - Vishay Siliconix RAMK060 Datasheet HTML 7Page - Vishay Siliconix RAMK060 Datasheet HTML 8Page - Vishay Siliconix RAMK060 Datasheet HTML 9Page - Vishay Siliconix RAMK060 Datasheet HTML 10Page - Vishay Siliconix RAMK060 Datasheet HTML 11Page - Vishay Siliconix RAMK060 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RAMK060
www.vishay.com
Vishay MCB
Revision: 03-May-2022
8
Document Number: 32579
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTIONAL MULTI-TURNS COUNTER
First Possible Option: Counting of Turns Without Battery Backup Connector and Memorization of Last Position Before
Power Off!
In normal operation when the power is on, the counting of the turns is made in the two directions, clockwise and anticlockwise.
The maximum value of the counter is -32 768 anticlockwise turns to +32 767 clockwise turns. When the counter reaches the
maximum value of 32 767, the next counter value is set to -32 768. When it reaches the minimum value of -32 768, the next
value is set to 32 767.
The value of the turn counter is sent in the output frame in two complement. No counting during power off. When the power is
off, the last position before power cutting (value of the multi-turn counter and value of the angle) is memorized in a no volatile
memory and the encoder can accept (during power off) a movement of encoder up to ± 90° to calculate and release the new
position as soon as the power comes back.
The number of non-volatile memory in write-in cycles is unlimited.
At the power on, if the variation of the angle is superior to ± 90°, the error flag of the frame is set and the multi-turn counter is
reset at the next power on. This procedure could be used to reset the multi-turns counter.
The multi-turns counter is also reset when the sensor enter in the self-calibration mode.
Second Possible Option: Counting of Turns With Battery Backup Across Connector
After the power off, if the sensor turns, the number of revolutions are counted internally. The counting is made in the two
directions, clockwise and anticlockwise. The maximum value of the counter is -32 767 anticlockwise turns to +32 767 clockwise
turns. When the counter reaches the maximum value of 32 767, the next counter value is set to -32 768. When the counter
reaches the minimum of -32 768, the next value is set to 32 767.
During the power is off, no data is sent to the output. With the backup battery connector plugged to external battery, with low
consumption, the encoder counts the number of turns and stocks this data in memory. As soon as the power comes back, the
encoder releases the data of number of turns and continues to count in normal conditions.
The multi-turns counter is also reset when the sensor enter in the self-calibration mode.
MULTI-TURNS SSI OUTPUT FORMAT
Fig. 6 - SSI Multi-Turns Chronogram
Note
• Bit 38 always = 0
TABLE 10 - SSI MULTI-TURN DATA BITS FORMAT
SSI DATA BITS FORMAT
DATA BIT
MSB
LSB
DATA BITS LENGTH
INFORMATION
Status bits
Frame bit 0
Frame bit 2
3 bits
See section “Self-Monitoring”
Multi-turns counter
Frame bit 3
Frame bit 18
16 bits
See Fig. 6
Angle value
Frame bit 19
Frame bit 37
19 bits
See Table 3
Parity
Frame bit 39
-
1 bit
A1
A2
A3
MSB
LSB
MSB
LSB
P
Time out
01
2
3
39
20
SSI
CLK+
CLK-
DATA+
DATA-
419
18
38
21
37
≥ 1 μs
t = 20 μs
tclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com