Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK060 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # RAMK060
Description  Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK060 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button RAMK060 Datasheet HTML 7Page - Vishay Siliconix RAMK060 Datasheet HTML 8Page - Vishay Siliconix RAMK060 Datasheet HTML 9Page - Vishay Siliconix RAMK060 Datasheet HTML 10Page - Vishay Siliconix RAMK060 Datasheet HTML 11Page - Vishay Siliconix RAMK060 Datasheet HTML 12Page - Vishay Siliconix RAMK060 Datasheet HTML 13Page - Vishay Siliconix RAMK060 Datasheet HTML 14Page - Vishay Siliconix RAMK060 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
RAMK060
www.vishay.com
Vishay MCB
Revision: 03-May-2022
12
Document Number: 32579
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING DATA AND SELF-MONITORING
After the mounting and throughout the use of the sensor, the encoder provides across the LED colors and also across data bits
of self-monitoring the status of correct mounting and of correct operation. Look at section “Self-Monitoring” and the table
“Summary” in section “Approach No. 2”, “Self-Calibration Procedure” of §1.
Fig. 9 - Mounting Detail
Fig. 10 - Beat
APPROACH NO. 1: TOTALLY PLUG AND PLAY WITHOUT SELF-CALIBRATION
Comment: it is the case for the customer’s equipment whose mechanical tolerances are under control (requirements described
in Table 13).
TABLE 13 - RECOMMENDED DIMENSIONS AND TOLERANCES OF CUSTOMER INTERFACES
Rep 1
Customer shaft diameter for centering of the rotor (see Fig. 9)
25 mm + 0 mm / - 0.010 mm
Rep 2
Customer interface diameter for centering of the stator (see Fig. 9)
60 mm + 0.060 mm / 0 mm
Rep 3
Diameter runout of the customer shaft for the rotor centering (see Fig. 9)
< 0.005 mm
Rep 4
Concentricity of the stator centering diameter versus shaft centering diameter (see Fig. 9)
< 0.020 mm
Rep 5
Position of the stator reference bottom surface versus rotor reference bottom surface (see Fig. 9)
2.65 mm ± 0.1 mm
Rep 6
Total beat included in the air-gap between Ref. C (rotor) and Ref. D (stator) (see Fig. 10)
< 0.2 mm
Ø V ± V1 E
Z
XC
x 2 A
Customer shaft
Customer interface
Probe
Holding fixture
Y
x 1 A
Measure runout shaft
C
A
Ø W ± W1 E
Rep 5
Rep 1
Rep 3
Rep 4
Rep 2
Rotor axis and stator axis are the same but the reference surfaces are not parallel
Rotor
Stator
Beat default (mm)
  
Z
X
Y
Rotor
Stator
Rep 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com