Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK060 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RAMK060
Description  Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK060 Datasheet(HTML) 3 Page - Vishay Siliconix

  RAMK060 Datasheet HTML 1Page - Vishay Siliconix RAMK060 Datasheet HTML 2Page - Vishay Siliconix RAMK060 Datasheet HTML 3Page - Vishay Siliconix RAMK060 Datasheet HTML 4Page - Vishay Siliconix RAMK060 Datasheet HTML 5Page - Vishay Siliconix RAMK060 Datasheet HTML 6Page - Vishay Siliconix RAMK060 Datasheet HTML 7Page - Vishay Siliconix RAMK060 Datasheet HTML 8Page - Vishay Siliconix RAMK060 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RAMK060
www.vishay.com
Vishay MCB
Revision: 03-May-2022
3
Document Number: 32579
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMMUNICATION INTERFACES
Three protocols are possible: SSI protocol, Biss-C protocol, or SPI protocol.
Connector Types
Connector to plug a flat flex cable: output connector FCC pitch 0.5 mm, thickness 0.3 mm bottom contacts connector Würth
Elektronik 687106182122
Connector to plug an external connector equipped of wires: output connector wires connector on the PCB: Hirose
DF58-6P-1.2V(21)
• User crimp socket: Hirose DF58-6S-1.2C
• User crimp contact: Hirose DF58-2830SCF
Recommended FCC (customer side)
Fig. 1 - Recommended FCC
Fig. 2 - User Connectors
Note
• See also last page for accessory which allows to provide a different pinning
3.5 ± 0.08
0.29 ~ 0.34
2.5 ± 0.08
0.5 ± 0.05
0.3 ± 0.03
0.5 ± 0.08
Wires user connector
LED indicators
Optional battery connector
22
°
12
Flat flex cable user connector
Self-calibration activation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com