Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK060 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RAMK060
Description  Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK060 Datasheet(HTML) 2 Page - Vishay Siliconix

  RAMK060 Datasheet HTML 1Page - Vishay Siliconix RAMK060 Datasheet HTML 2Page - Vishay Siliconix RAMK060 Datasheet HTML 3Page - Vishay Siliconix RAMK060 Datasheet HTML 4Page - Vishay Siliconix RAMK060 Datasheet HTML 5Page - Vishay Siliconix RAMK060 Datasheet HTML 6Page - Vishay Siliconix RAMK060 Datasheet HTML 7Page - Vishay Siliconix RAMK060 Datasheet HTML 8Page - Vishay Siliconix RAMK060 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RAMK060
www.vishay.com
Vishay MCB
Revision: 03-May-2022
2
Document Number: 32579
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• “Multi-turn with connection back-up battery” possible on request, please contact Vishay
(1) The standard RAMK060 gives 18.35 bits (335 872 points) and can be used when the exact number of points could be loaded in customer’s
device. To provide only 18.0 bits (262 144 points), when only the number of bits can be loaded in customer’s device, the last variant
RAMK060M11318XB is a solution available on request
SAP PART NUMBERING GUIDELINES
TYPE
MODEL DESIGN SIZE
(mm)
TYPE FUNCTION ACCURACY
(BITS)
RESOLUTION
(BITS)
OUTPUT
PACKAGING
OPTION
R = rotational
AM
K = kit
060
M
1
13
19
F =
SPI CCW
J =
SSI CCW
L =
Biss-C
B = box
F =
SPI CCW
B = box
661 = multi-turn
counting
J =
SSI CCW
B = box
663 = multi-turn
counting
L =
Biss-C
B = box
659 = multi-turn
counting
ON REQUEST: VARIANT RAMK060 18 BITS (262 144 POINTS) (1)
R = rotational
AM
K = kit
060
M
1
13
18
F =
SPI CCW
J =
SSI CCW
L =
Biss-C
B = box
F =
SPI CCW
B = box
684 = multi-turn
counting
J =
SSI CCW
B = box
685 = multi-turn
counting
L =
Biss-C
B = box
683 = multi-turn
counting
ACCESSORY
Transfer adaptor (see section “Accessory on Request”)
ACCSRAMKADAPTCB067
PERFORMANCE
PARAMETER
Standard operating temperature range
-40 °C to +85 °C
Storage temperature range
-55 °C to +105 °C
Humidity
≤ 80 % no condensing
Environmental protection
Coating on PCB components side
Vibrations
0.05 g2/Hz, 20 Hz to 2000 Hz for 1 hour along three major axis
Shocks
100 g, 14 ms, ½ sine (one on each axis)
Magnetic protection
- No influence up to 3 mT (typical value) (uniform magnetic field)
- No permanent deviation greater than 0.03° if a magnet of 50 mT was in contact
with the upper metallic shape of the rotor
- No permanent deviation greater than 0.03° if a magnet of 50 mT was exposed
at 5 mm of the magnetic rubber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com