Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK060 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RAMK060
Description  Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK060 Datasheet(HTML) 1 Page - Vishay Siliconix

  RAMK060 Datasheet HTML 1Page - Vishay Siliconix RAMK060 Datasheet HTML 2Page - Vishay Siliconix RAMK060 Datasheet HTML 3Page - Vishay Siliconix RAMK060 Datasheet HTML 4Page - Vishay Siliconix RAMK060 Datasheet HTML 5Page - Vishay Siliconix RAMK060 Datasheet HTML 6Page - Vishay Siliconix RAMK060 Datasheet HTML 7Page - Vishay Siliconix RAMK060 Datasheet HTML 8Page - Vishay Siliconix RAMK060 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RAMK060
www.vishay.com
Vishay MCB
Revision: 03-May-2022
1
Document Number: 32579
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Rotational Absolute Magnetic Kit Encoder Version 60 mm
HP Position Sensor Version 2.1
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Especially dedicated to robotics applications
• High
precision,
high
repeatability,
high
resolution, single or multi-turns variant
• Plug and play or self-calibration
• Memorization of last position before power off
• Not sensitive to external magnetic fields and temperature
• Not sensitive to moisture and pollution
• Especially dedicated for harsh conditions (vibrations,
shocks, CEM…)
• Built-in self-monitoring
• Hall effect principle
• Option back-up battery connector
• Protected design, patent EP 2711663
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, magnetic technology
Output type
Connector Würth Elektronik 687106182122
to plug a flat flex cable or
connector Hirose DF58-6P-1.2V(21) to plug
an external connector equipped of wires
Market appliance
Industrial
Dimensions
Diameter 60 mm
333
DDD3 D
3D Models
Videos
ELECTRICAL SPECIFICATIONS
PARAMETER
Voltage power supply (on sensor connector)
5 V ± 0.25 V
Supply current at 5 V
≤ 180 mA
Standard output format
SSI
Optional output format
Biss-C or SPI
Useful electrical angle
360°
Accuracy at 25 °C
Better than 13 bits (0.044°)
Repeatability
> 16 bits
Resolution
≈ 0.001° (335 872 points, ≈ 18.35 bits)
Startup time
≤ 20 ms
Data latency time
≤ 200 μs
Maximum sampling rate
9.2 kHz
Optional multi-turn counter without external battery
16 bits counter
For multi-turns options
Memorization of the last angle value and the multi-turns counter at the power off
On request: multi-turns counter with external
backup battery (not supplied)
16 bits counter, battery: voltage 3.6 V to 5 V, Imax. 15 mA
MECHANICAL SPECIFICATIONS (All Versions)
PARAMETER
Mechanical angle
360°
Maximum speed rotation
10 000 rpm (mechanical limits)
Rotor weight
< 40 g
Stator weight
< 15 g


Similar Part No. - RAMK060

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RAMK027 VISHAY-RAMK027 Datasheet
134Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm HP Position Sensors
20-Jul-2021
RAMK027M11316UB VISHAY-RAMK027M11316UB Datasheet
122Kb / 5P
Rotational Absolute Magnetic Kit Encoder Displacement SensoR
29-Aug-17
RAMK027S VISHAY-RAMK027S Datasheet
122Kb / 5P
Rotational Absolute Magnetic Kit Encoder Displacement SensoR
29-Aug-17
RAMK027S VISHAY-RAMK027S Datasheet
119Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
28-Sep-2018
RAMK027S VISHAY-RAMK027S_V01 Datasheet
119Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
28-Sep-2018
More results

Similar Description - RAMK060

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RAMK033 VISHAY-RAMK033 Datasheet
180Kb / 7P
Rotational Absolute Magnetic Kit Encoder Version 33 LP and HP Displacement Sensor
15-Dec-17
RAMK040HP VISHAY-RAMK040HP Datasheet
159Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
06-Dec-17
RAMK090 VISHAY-RAMK090 Datasheet
110Kb / 4P
Rotational Absolute Magnetic Kit Encoder Version 90 mm Displacement Sensor
20-Nov-17
RAME012 VISHAY-RAME012 Datasheet
157Kb / 5P
Rotational Absolute Magnetic Encoder Version 12 mm HP Position Sensor
22-Jul-2021
RAME030 VISHAY-RAME030 Datasheet
182Kb / 7P
Rotational Absolute Magnetic Encoder Version 30 mm HP Position Sensor
06-Jul-2022
RAMK027 VISHAY-RAMK027 Datasheet
134Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm HP Position Sensors
20-Jul-2021
RAMK027S VISHAY-RAMK027S_V01 Datasheet
119Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
28-Sep-2018
RAMK033 VISHAY-RAMK033_V01 Datasheet
177Kb / 7P
Rotational Absolute Magnetic Kit Encoder Version 33 LP and HP Displacement Sensor
15-Dec-17
RAMK040HP VISHAY-RAMK040HP_V01 Datasheet
156Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
06-Dec-17
RAMK090 VISHAY-RAMK090_V01 Datasheet
132Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 90 mm Displacement Sensors
13-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com