Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK060 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # RAMK060
Description  Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK060 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button RAMK060 Datasheet HTML 5Page - Vishay Siliconix RAMK060 Datasheet HTML 6Page - Vishay Siliconix RAMK060 Datasheet HTML 7Page - Vishay Siliconix RAMK060 Datasheet HTML 8Page - Vishay Siliconix RAMK060 Datasheet HTML 9Page - Vishay Siliconix RAMK060 Datasheet HTML 10Page - Vishay Siliconix RAMK060 Datasheet HTML 11Page - Vishay Siliconix RAMK060 Datasheet HTML 12Page - Vishay Siliconix RAMK060 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RAMK060
www.vishay.com
Vishay MCB
Revision: 03-May-2022
9
Document Number: 32579
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MULTI-TURNS BISS-C OUTPUT FORMAT
Fig. 7 - Biss-C Multi-Turns Chronogram
Note
• Bit 38 always = 0
MULTI-TURNS SPI OUTPUT FORMAT
Fig. 8 - SPI Multi-Turns Chronogram
Note
• Bit 38 always = 0
OPTIONAL BATTERY BACKUP CONNECTOR
• Header on the PCB: Hirose SMD 7 106 (666-1001-0-21)
• Crimp socket: Hirose DF58-2S-1.2C (Hirose number 666-1006-0 00)
• Crimp contact: Hirose DF58-2830SCF (Hirose number 666-1011-0 00)
TABLE 11 - BISS-C MULTI-TURN DATA BITS FORMAT
BISS-C DATA BITS FORMAT
DATA BIT
MSB
LSB
DATA BITS LENGTH
INFORMATION
Status bits
Frame bit 0
Frame bit 2
3 bits
See section “Self-Monitoring”
Multi-turns counter
Frame bit 3
Frame bit 18
16 bits
See Fig. 7
Angle value
Frame bit 19
Frame bit 37
19 bits
See Table 6
CRC
Frame bit 39
Frame bit 44
6 bits
TABLE 12 - SPI MULTI-TURN DATA BITS FORMAT
SPI DATA BITS FORMAT
DATA BIT
MSB
LSB
DATA BITS LENGTH
INFORMATION
Status bits
Frame bit 0
Frame bit 2
3 bits
See section “Self-Monitoring”
Multi-turns counter
Frame bit 3
Frame bit 18
16 bits
See Fig. 8
Angle value
Frame bit 19
Frame bit 37
19 bits
See Table 9
Parity
Frame bit 39
-
1 bit
A1
A2
A3
MSB
LSB
CRC
MSB
Biss-C
ACK
Start CDS
CRC
LSB
Time out
MA+
SLO+
MA-
0
1
2
3
38
39
44
SLO-
19
18
LSB MSB
tclk
t = 20 μs
A1
A2
A3
MSB
LSB
MSB
LSB
P
A1
A2
A3
MSB
SPI Slave Mode
Bit 0
Bit 1
Bit 2
Bit 3
Bit 18
Bit 19
Bit 38
Bit 39
t
s = 1 μs
t
p = 6 μs
t
clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com