Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL501 Datasheet(PDF) 24 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 24 Page - Micronas

Back Button HAL501 Datasheet HTML 20Page - Micronas HAL501 Datasheet HTML 21Page - Micronas HAL501 Datasheet HTML 22Page - Micronas HAL501 Datasheet HTML 23Page - Micronas HAL501 Datasheet HTML 24Page - Micronas HAL501 Datasheet HTML 25Page - Micronas HAL501 Datasheet HTML 26Page - Micronas HAL501 Datasheet HTML 27Page - Micronas HAL501 Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
HAL 502
DATA SHEET
24
April 15. 2010; DSH000020_004EN
Micronas
4.2. HAL 502
The HAL 502 is the most sensitive latching sensor of
this family (see Fig. 4–5).
The output turns low with the magnetic south pole on
the branded side of the package and turns high with
the magnetic north pole on the branded side. The out-
put does not change if the magnetic field is removed.
For changing the output state, the opposite magnetic
field polarity must be applied.
For correct functioning in the application, the sensor
requires both magnetic polarities (north and south) on
the branded side of the package.
Magnetic Features:
– switching type: latching
– high sensitivity
– typical BON: 2.6 mT at room temperature
– typical BOFF:
−2.6 mT at room temperature
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
– typical temperature coefficient of magnetic switching
points is
−1000 ppm/K
Applications
The HAL 502 is the optimal sensor for all applications
with alternating magnetic signals and weak magnetic
amplitude at the sensor position such as:
– applications with large air gap or weak magnets,
– rotating speed measurement,
– commutation of brushless DC motors,
– CAM shaft sensors, and
– magnetic encoders.
Fig. 4–5: Definition of magnetic switching points for
the HAL 502
Magnetic Characteristics at TJ = −40 °C to +170 °C, VDD = 3.8 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
The hysteresis is the difference between the switching points BHYS = BON − BOFF
The magnetic offset is the mean value of the switching points BOFFSET = (BON + BOFF) / 2
BOFF
BON
0
VOL
VO
Output Voltage
B
BHYS
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C1
2.8
5
−5
−2.8
−1
4.5
5.6
7.2
−
0
−
mT
25
°C1
2.6
4.5
−4.5
−2.6
−14.5
5.2
7
−1.5
0
1.5
mT
140
°C
0.9
2.4
4.3
−4.3
−2.4
−0.9
3.7
4.8
6.8
−
0
−
mT
170
°C
0.9
2.3
4.3
−4.3
−2.3
−0.9
3.5
4.6
6.8
−
0
−
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com