Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL501 Datasheet(PDF) 15 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 15 Page - Micronas

Back Button HAL501 Datasheet HTML 11Page - Micronas HAL501 Datasheet HTML 12Page - Micronas HAL501 Datasheet HTML 13Page - Micronas HAL501 Datasheet HTML 14Page - Micronas HAL501 Datasheet HTML 15Page - Micronas HAL501 Datasheet HTML 16Page - Micronas HAL501 Datasheet HTML 17Page - Micronas HAL501 Datasheet HTML 18Page - Micronas HAL501 Datasheet HTML 19Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
DATA SHEET
HAL 5xy
Micronas
April 15. 2010; DSH000020_004EN
15
3.6. Characteristics
at TJ = −40 °C to +170 °C, VDD = 3.8 V to 24 V,
at Recommended Operation Conditions if not otherwise specified in the column “Conditions”. Typical Characteristics
for TJ = 25 °C and VDD = 12 V
Fig. 3–6: Recommended pad size SOT89B-1
Dimensions in mm
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDD
Supply Current
1
2.3
3
4.2
mA
TJ = 25 °C
IDD
Supply Current over
Temperature Range
1
1.6
3
5.2
mA
VDDZ
Overvoltage Protection
at Supply
1
−
28.5
32
V
IDD = 25 mA, TJ = 25 °C,
t = 20 ms
VOZ
Overvoltage Protection at Output
3
−
28
32
V
IOH = 25 mA, TJ = 25 °C,
t = 20 ms
VOL
Output Voltage
3
−
130
280
mV
IOL = 20 mA , TJ = 25 °C
VOL
Output Voltage over
Temperature Range
3
−
130
400
mV
IOL = 20 mA
IOH
Output Leakage Current
3
−
0.06
0.1
μA
Output switched off,
TJ = 25 °C, VOH = 3.8 to 24 V
IOH
Output Leakage Current over
Temperature Range
3
−−
10
μA
Output switched off,
TJ ≤150 °C, VOH = 3.8 to 24 V
fosc
Internal Oscillator
Chopper Frequency
−−
62
−
kHz
ten(O)
Enable Time of Output after
Setting of VDD
1
−
50
−μsV
DD = 12 V
1)
tr
Output Rise Time
3
−
75
400
ns
VDD = 12 V,
RL = 820 Ohm,
CL = 20 pF
tf
Output Fall Time
3
−
50
400
ns
RthJSB
case
SOT89B-1
Thermal Resistance Junction
to Substrate Backside
−−
150
200
K/W
Fiberglass Substrate
30 mm x 10 mm x 1.5 mm,
pad size see Fig. 3–6
RthJA
case
TO92UA-1,
TO92UA-2
Thermal Resistance Junction
to Soldering Point
−−
150
200
K/W
1) B > B
ON + 2 mT or B < BOFF − 2 mT for HAL 50x, B > BOFF + 2 mT or B < BON − 2 mT for HAL 51x
1.05
1.05
1.80
0.50
1.50
1.45
2.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com