Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL501 Datasheet(PDF) 13 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 13 Page - Micronas

Back Button HAL501 Datasheet HTML 9Page - Micronas HAL501 Datasheet HTML 10Page - Micronas HAL501 Datasheet HTML 11Page - Micronas HAL501 Datasheet HTML 12Page - Micronas HAL501 Datasheet HTML 13Page - Micronas HAL501 Datasheet HTML 14Page - Micronas HAL501 Datasheet HTML 15Page - Micronas HAL501 Datasheet HTML 16Page - Micronas HAL501 Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DATA SHEET
HAL 5xy
Micronas
April 15. 2010; DSH000020_004EN
13
3.2. Dimensions of Sensitive Area
0.25 mm
× 0.12 mm
3.3. Positions of Sensitive Areas
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this circuit.
All voltages listed are referenced to ground (GND).
3.4.1. Storage and Shelf Life
The permissible storage time (shelf life) of the sensors is unlimited, provided the sensors are stored at a maximum of
30
°C and a maximum of 85% relative humidity. At these conditions, no Dry Pack is required.
Solderability is guaranteed for one year from the date code on the package.
SOT89B-1
TO92UA-1/-2
y
0.95 mm nominal
1.0 mm nominal
A4
0.3 mm nominal
0.3 mm nominal
D1
see drawing
3.05 mm +/- 0.05 mm
H1
not applicable
min. 21 mm
max. 23.1 mm
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
−15
281)
V
VO
Output Voltage
3
−0.3
281)
V
IO
Continuous Output On Current
3
−
501)
mA
TJ
Junction Temperature Range
−40
1702)
°C
1) as long as T
Jmax is not exceeded
2) t < 1000 h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com