Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL501 Datasheet(PDF) 17 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 17 Page - Micronas

Back Button HAL501 Datasheet HTML 13Page - Micronas HAL501 Datasheet HTML 14Page - Micronas HAL501 Datasheet HTML 15Page - Micronas HAL501 Datasheet HTML 16Page - Micronas HAL501 Datasheet HTML 17Page - Micronas HAL501 Datasheet HTML 18Page - Micronas HAL501 Datasheet HTML 19Page - Micronas HAL501 Datasheet HTML 20Page - Micronas HAL501 Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
DATA SHEET
HAL 5xy
Micronas
April 15. 2010; DSH000020_004EN
17
Magnetic Characteristics Overview, continued
Note: For detailed descriptions of the individual types, see pages 22 and following
Sensor
Parameter
On pointON
Off pointOFF
Hysteresis BHYS
Unit
Switching
Type
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
HAL 519
−40 °C
−5.4
−3.8
−2.1
−7.7
−5.9
−4.3
1.6
2.1
2.8
mT
unipolar
25
°C
−5
−3.6
−2
−7.2
−5.5
−3.8
1.5
1.9
2.7
mT
inverted
170
°C
−5.2
−3.0
−1.5
−6.8
−4.6
−2.8
0.9
1.6
2.6
mT
HAL 523
−40 °C
2834.5
421824307
10.5
14mT
unipolar
25
°C
2834.5
421824307
10.5
14mT
170
°C
2834.5
421824307
10.5
14mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com