Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL501 Datasheet(PDF) 46 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 46 Page - Micronas

Back Button HAL501 Datasheet HTML 40Page - Micronas HAL501 Datasheet HTML 41Page - Micronas HAL501 Datasheet HTML 42Page - Micronas HAL501 Datasheet HTML 43Page - Micronas HAL501 Datasheet HTML 44Page - Micronas HAL501 Datasheet HTML 45Page - Micronas HAL501 Datasheet HTML 46Page - Micronas HAL501 Datasheet HTML 47Page - Micronas HAL501 Datasheet HTML 48Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
HAL 5xy
DATA SHEET
46
April 15. 2010; DSH000020_004EN
Micronas
5. Application Notes
5.1. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient
temperature TA).
Under static conditions and continuous operation, the
following equation applies:
For all sensors, the junction temperature range TJ is
specified. The maximum ambient temperature TAmax
can be calculated as:
For typical values, use the typical parameters. For
worst case calculation, use the max. parameters for
IDD and Rth, and the max. value for VDD from the appli-
cation.
5.2. Extended Operating Conditions
All sensors fulfil the electrical and magnetic character-
istics when operated within the Recommended Oper-
ating Conditions (see page 14).
Supply Voltage Below 3.8 V
Typically, the sensors operate with supply voltages
above 3 V, however, below 3.8 V some characteristics
may be outside the specification.
Note: The functionality of the sensor below 3.8 V is
not tested on a regular base. For special test
conditions, please contact Micronas.
5.3. Start-Up Behavior
Due to the active offset compensation, the sensors
have an initialization time (enable time ten(O)) after
applying the supply voltage. The parameter ten(O) is
specified
in
the
Electrical
Characteristics
(see
page 15).
During the initialization time, the output state is not
defined and the output can toggle. After ten(O), the out-
put will be low if the applied magnetic field B is above
BON. The output will be high if B is below BOFF. In case
of sensors with an inverted switching behavior
(HAL 516 ... HAL 519), the output state will be high if B
> BOFF and low if B < BON.
Note: For magnetic fields between BOFF and BON, the
output state of the HAL sensor will be either low
or high after applying VDD. In order to achieve a
defined output state, the applied magnetic field
must be above BON, respectively, below BOFF.
5.4. EMC and ESD
For applications with disturbances on the supply line or
radiated disturbances, a series resistor and a capacitor
are recommended (see Fig. 5–1). The series resistor
and the capacitor should be placed as closely as pos-
sible to the HAL sensor.
Applications with this arrangement passed the EMC
tests according to the product standards ISO 7637.
Please contact Micronas for the detailed investigation
reports with the EMC and ESD results.
Fig. 5–1: Test circuit for EMC investigations
T
J
T
A
ΔT
+
=
ΔTI
DD
V
DD
R
th
×
×
=
T
Amax
T
Jmax
ΔT
–
=
RV
220
Ω
VEMC
VP
4.7 nF
VDD
OUT
GND
1
2
3
RL
1.2 k
Ω
20 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com