Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL501 Datasheet(PDF) 19 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 19 Page - Micronas

Back Button HAL501 Datasheet HTML 15Page - Micronas HAL501 Datasheet HTML 16Page - Micronas HAL501 Datasheet HTML 17Page - Micronas HAL501 Datasheet HTML 18Page - Micronas HAL501 Datasheet HTML 19Page - Micronas HAL501 Datasheet HTML 20Page - Micronas HAL501 Datasheet HTML 21Page - Micronas HAL501 Datasheet HTML 22Page - Micronas HAL501 Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
DATA SHEET
HAL 5xy
Micronas
April 15. 2010; DSH000020_004EN
19
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
80
90
100
V
VDD
TA = 170 °C
TA = −40 °C
TA = 25 °C
kHz
HAL 5xx
fosc
Fig. 3–11: Typ. internal chopper frequency
versus supply voltage
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
10
20
30
40
50
60
70
80
90
100
V
VDD
TA = 170 °C
TA = −40 °C
TA = 25 °C
kHz
HAL 5xx
fosc
Fig. 3–12: Typ. internal chopper frequency
versus supply voltage
0
5
10
15
20
25
30
0
50
100
150
200
250
300
350
400
V
VOL
mV
IO = 20 mA
TA = 170 °C
TA = 25 °C
TA = −40 °C
TA = 100 °C
HAL 5xx
VDD
Fig. 3–13: Typical output low voltage
versus supply voltage
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
100
200
300
400
500
600
V
VOL
mV
IO = 20 mA
TA = 170 °C
TA = 25 °C
TA = −40 °C
TA = 100 °C
HAL 5xx
VDD
Fig. 3–14: Typical output low voltage
versus supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com