Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL501 Datasheet(PDF) 38 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 38 Page - Micronas

Back Button HAL501 Datasheet HTML 34Page - Micronas HAL501 Datasheet HTML 35Page - Micronas HAL501 Datasheet HTML 36Page - Micronas HAL501 Datasheet HTML 37Page - Micronas HAL501 Datasheet HTML 38Page - Micronas HAL501 Datasheet HTML 39Page - Micronas HAL501 Datasheet HTML 40Page - Micronas HAL501 Datasheet HTML 41Page - Micronas HAL501 Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
HAL 509
DATA SHEET
38
April 15. 2010; DSH000020_004EN
Micronas
4.9. HAL 509
The HAL 509 is a unipolar switching sensor (see
Fig. 4–33).
The output turns low with the magnetic south pole on
the branded side of the package and turns high if the
magnetic field is removed. The sensor does not
respond to the magnetic north pole on the branded
side.
For correct functioning in the application, the sensor
requires only the magnetic south pole on the branded
side of the package.
Magnetic Features:
– switching type: unipolar,
– low sensitivity
–typical BON: 26.8 mT at room temperature
–typical BOFF: 23.2 mT at room temperature
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
– typical temperature coefficient of magnetic switching
points is
−300 ppm/K
Applications
The HAL 509 is the optimal sensor for applications
with one magnetic polarity and strong magnetic fields
at the sensor position such as:
– solid state switches,
– contactless solution to replace microswitches,
– position and end-point detection, and
– rotating speed measurement.
Fig. 4–33: Definition of magnetic switching points for
the HAL 509
Magnetic Characteristics at TJ = −40 °C to +170 °C, VDD = 3.8 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
The hysteresis is the difference between the switching points BHYS = BON − BOFF
The magnetic offset is the mean value of the switching points BOFFSET = (BON + BOFF) / 2
BOFF
BON
0
VOL
VO
Output Voltage
B
BHYS
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C
23.1
27.4
31.1
19.9
23.8
27.2
2.9
3.6
3.9
−
25.6
−
mT
25
°C
23.1
26.8
30.4
19.9
23.2
26.6
2.8
3.5
3.9
21.5
25
28.5
mT
140
°C
21.7
25.7
29.2
18.6
22.4
25.6
2.6
3.3
3.8
−
24
−
mT
170
°C
21.3
25.4
28.9
18.3
22.1
25.3
2.5
3.3
3.8
−
23.7
−
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com