Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL501 Datasheet(PDF) 4 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 4 Page - Micronas

  HAL501 Datasheet HTML 1Page - Micronas HAL501 Datasheet HTML 2Page - Micronas HAL501 Datasheet HTML 3Page - Micronas HAL501 Datasheet HTML 4Page - Micronas HAL501 Datasheet HTML 5Page - Micronas HAL501 Datasheet HTML 6Page - Micronas HAL501 Datasheet HTML 7Page - Micronas HAL501 Datasheet HTML 8Page - Micronas HAL501 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
HAL 5xy
DATA SHEET
4
April 15. 2010; DSH000020_004EN
Micronas
Hall Effect Sensor Family
in CMOS technology
Release Note: Revision bars indicate significant
changes to the previous edition.
1. Introduction
The HAL 5xy family consists of different Hall switches
produced in CMOS technology. All sensors include a
temperature-compensated Hall plate with active offset
compensation, a comparator, and an open-drain out-
put transistor. The comparator compares the actual
magnetic flux through the Hall plate (Hall voltage) with
the fixed reference values (switching points). Accord-
ingly, the output transistor is switched on or off.
The sensors of this family differ in the switching behav-
ior and the switching points.
The active offset compensation leads to constant mag-
netic characteristics over supply voltage and tempera-
ture range. In addition, the magnetic parameters are
robust against mechanical stress effects.
The sensors are designed for industrial and automo-
tive applications and operate with supply voltages from
3.8 V to 24 V in the ambient temperature range from
−40 °C up to 150 °C.
All
sensors
are
available
in
the
SMD-package
SOT89B-1 and in the leaded versions TO92UA-1 and
TO92UA-2.
1.1. Features:
– switching offset compensation at typically 62 kHz
– operates from 3.8 V to 24 V supply voltage
– overvoltage protection at all pins
– reverse-voltage protection at VDD-pin
– magnetic characteristics are robust regarding
mechanical stress effects
– short-circuit protected open-drain output by thermal
shut down
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
– constant switching points over a wide supply volt-
age range
– the decrease of magnetic flux density caused by ris-
ing temperature in the sensor system is compen-
sated by a built-in negative temperature coefficient
of the magnetic characteristics
– ideal sensor for applications in extreme automotive
and industrial environments
– EMC corresponding to ISO 7637
1.2. Family Overview
The types differ according to the magnetic flux density
values for the magnetic switching points and the tem-
perature behavior of the magnetic switching points,
and the mode of switching.
Latching Sensors:
The output turns low with the magnetic south pole on
the branded side of the package and turns high with
the magnetic north pole on the branded side. The out-
put does not change if the magnetic field is removed.
For changing the output state, the opposite magnetic
field polarity must be applied.
Bipolar Switching Sensors:
The output turns low with the magnetic south pole on
the branded side of the package and turns high with
the magnetic north pole on the branded side. The out-
put state is not defined for all sensors if the magnetic
field is removed again. Some sensors will change the
output state and some sensors will not.
Type
Switching
Behavior
Sensitivity
see
Page
501
bipolar
very high
22
502
latching
high
24
503
latching
medium
26
504
unipolar
medium
28
505
latching
low
30
506
unipolar
high
32
507
unipolar
medium
34
508
unipolar
medium
36
509
unipolar
low
38
516
unipolar with
inverted output
high
40
519
unipolar with
inverted output
(north polarity)
high
42
523
unipolar
low
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com