Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL501 Datasheet(PDF) 5 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 5 Page - Micronas

  HAL501 Datasheet HTML 1Page - Micronas HAL501 Datasheet HTML 2Page - Micronas HAL501 Datasheet HTML 3Page - Micronas HAL501 Datasheet HTML 4Page - Micronas HAL501 Datasheet HTML 5Page - Micronas HAL501 Datasheet HTML 6Page - Micronas HAL501 Datasheet HTML 7Page - Micronas HAL501 Datasheet HTML 8Page - Micronas HAL501 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
DATA SHEET
HAL 5xy
Micronas
April 15. 2010; DSH000020_004EN
5
Unipolar Switching Sensors:
The output turns low with the magnetic south pole on
the branded side of the package and turns high if the
magnetic field is removed. The sensor does not
respond to the magnetic north pole on the branded
side.
Unipolar Switching Sensors with Inverted Output:
The output turns high with the magnetic south pole on
the branded side of the package and turns low if the
magnetic field is removed. The sensor does not
respond to the magnetic north pole on the branded
side.
Unipolar Switching Sensors with Inverted Output
Sensitive to North Pole:
The output turns high with the magnetic north pole on
the branded side of the package and turns low if the
magnetic field is removed. The sensor does not
respond to the magnetic south pole on the branded
side.
1.3. Marking Code
All Hall sensors have a marking on the package sur-
face (branded side). This marking includes the name
of the sensor and the temperature range.
1.4. Operating Junction Temperature Range
The Hall sensors from Micronas are specified to the
chip temperature (junction temperature TJ).
A:TJ = −40 °C to +170 °C
K:TJ = −40 °C to +140 °C
Note: Due to the high power dissipation at high current
consumption, there is a difference between the
ambient temperature (TA) and junction tempera-
ture. Please refer to Section 5.1. on page 46 for
details.
1.5. Hall Sensor Package Codes
Hall sensors are available in a wide variety of packag-
ing versions and quantities. For more detailed informa-
tion, please refer to the brochure: “Ordering Codes for
Hall Sensors”.
Type
Temperature Range
A
K
HAL 501
501A
501K
HAL 502
502A
502K
HAL 503
503A
503K
HAL 504
504A
504K
HAL 505
505A
505K
HAL 506
506A
506K
HAL 507
507A
507K
HAL 508
508A
508K
HAL 509
509A
509K
HAL 516
516A
516K
HAL 519
519A
519K
HAL 523
523A
523K
HALXXXPA-T
Temperature Range: A or K
Package: SF for SOT89B-1
UA for TO92UA
Type: 5xy
Example: HAL505UA-K
→ Type: 505
→ Package: TO92UA
→ Temperature Range: T
J = −40 °C to +140 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com