Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL501 Datasheet(PDF) 7 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 7 Page - Micronas

Back Button HAL501 Datasheet HTML 3Page - Micronas HAL501 Datasheet HTML 4Page - Micronas HAL501 Datasheet HTML 5Page - Micronas HAL501 Datasheet HTML 6Page - Micronas HAL501 Datasheet HTML 7Page - Micronas HAL501 Datasheet HTML 8Page - Micronas HAL501 Datasheet HTML 9Page - Micronas HAL501 Datasheet HTML 10Page - Micronas HAL501 Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
DATA SHEET
HAL 5xy
Micronas
April 15. 2010; DSH000020_004EN
7
2. Functional Description
The HAL 5xx sensors are monolithic integrated circuits
which switch in response to magnetic fields. If a mag-
netic field with flux lines perpendicular to the sensitive
area is applied to the sensor, the biased Hall plate
forces a Hall voltage proportional to this field. The Hall
voltage is compared with the actual threshold level in
the comparator. The temperature-dependent bias
increases the supply voltage of the Hall plates and
adjusts the switching points to the decreasing induc-
tion of magnets at higher temperatures. If the magnetic
field exceeds the threshold levels, the open drain out-
put switches to the appropriate state. The built-in hys-
teresis eliminates oscillation and provides switching
behavior of output without bouncing.
Magnetic offset caused by mechanical stress is com-
pensated for by using the “switching offset compensa-
tion technique”. Thus, an internal oscillator provides a
two-phase clock. The Hall voltage is sampled at the
end of the first phase. At the end of the second phase,
both sampled and actual Hall voltages are averaged
and compared with the actual switching point. Subse-
quently, the open drain output switches to the appropri-
ate state. The time from crossing the magnetic switch-
ing level to switching of output can vary between zero
and 1/fosc.
Shunt protection devices clamp voltage peaks at the
output pin and VDD pin together with external series
resistors. Reverse current is limited at the VDD pin by
an internal series resistor up to
−15 V. No external
reverse protection diode is needed at the VDD pin for
reverse voltages ranging from 0 V to
−15 V.
Fig. 2–1: HAL 5xx block diagram
Fig. 2–2: Timing diagram
HAL 5xx
Temperature
Dependent
Bias
Switch
Hysteresis
Control
Comparator
Output
VDD
1
OUT
3
Clock
Hall Plate
GND
2
HAL 5xy
Short Circuit &
Overvoltage
Protection
Reverse
Voltage &
Overvoltage
Protection
t
VOL
VOUT
1/fosc = 16 μs
VOH
B
BON
fosc
t
t
tf
t
IDD
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com