Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL501 Datasheet(PDF) 42 Page - Micronas

Part # HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Datasheet(HTML) 42 Page - Micronas

Back Button HAL501 Datasheet HTML 38Page - Micronas HAL501 Datasheet HTML 39Page - Micronas HAL501 Datasheet HTML 40Page - Micronas HAL501 Datasheet HTML 41Page - Micronas HAL501 Datasheet HTML 42Page - Micronas HAL501 Datasheet HTML 43Page - Micronas HAL501 Datasheet HTML 44Page - Micronas HAL501 Datasheet HTML 45Page - Micronas HAL501 Datasheet HTML 46Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
HAL 519
DATA SHEET
42
April 15. 2010; DSH000020_004EN
Micronas
4.11. HAL 519
The HAL 519 is a very sensitive unipolar switching
sensor with an inverted output sensitive only to the
magnetic north polarity (see Fig. 4–41).
The output turns high with the magnetic north pole on
the branded side of the package and turns low if the
magnetic field is removed. The sensor does not
respond to the magnetic south pole on the branded
side, the output remains low. For correct functioning in
the application, the sensor requires only the magnetic
north pole on the branded side of the package.
Magnetic Features:
– switching type: unipolar inverted, north sensitive
– high sensitivity
–typical BON: −3.5 mT at room temperature
–typical BOFF: −5.5 mT at room temperature
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
– typical temperature coefficient of magnetic switching
points is
−1000 ppm/K
Applications
The HAL 519 is the optimal sensor for all applications
with the north magnetic polarity and weak magnetic
amplitude at the sensor position where an inverted
output signal is required such as:
– solid-state switches,
– contactless solution to replace microswitches,
– position and end-point detection, and
– rotating speed measurement.
Fig. 4–41: Definition of magnetic switching points for
the HAL 519
Magnetic Characteristics at TJ = −40 °C to +170 °C, VDD = 3.8 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
The hysteresis is the difference between the switching points BHYS = BON − BOFF
The magnetic offset is the mean value of the switching points BOFFSET = (BON + BOFF) / 2
BOFF
BON
0
VOL
VO
Output Voltage
B
BHYS
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C
-5.4
-3.8
-2.1
-7.7
-5.9
-4.3
1.6
2.1
2.8
−
-4.8
−
mT
25
°C
-5
-3.6
-2
-7.2
-5.5
-3.8
1.5
1.9
2.7
-6.2
-4.5
-3.8
mT
140
°C
-5.1
-3.1
-1.7
-6.8
-4.8
-3.1
1
1.7
2.6
−
-4
−
mT
170
°C
-5.2
-3
-1.5
-6.8
-4.6
-2.8
0.9
1.6
2.6
−
-3.8
−
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com