Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40KV032 Datasheet(PDF) 10 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV032 Datasheet(HTML) 10 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40KV032 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
10 / 10
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
REGISTERS
1) Data Register (Address – 1F0h[170h];Offset 0,8,9)
The Data Register is a 16-bit register, and it is used to transfer data blocks between the
CompactFlash Storage Card data buffer and the Host. This register overlaps the Error Register.The table below
describes the combinations of data register access and is provided to assist in understanding the overlapped Data
Register and Error/Feature Register rather than to attempt to define general PCMCIA word and byte access modes
and operations. See the PCMCIA PC Card Standard Release 2.0 for definitions of the Card Accessing Modes for
I/O and Memory cycles.
Note: Because of the overlapped registers, access to the 1F1h, 171h or offset 1 are not defined for word (-CE2 = 0
and -CE1 = 0) operations. These accesses are treated as accesses to the Word Data
Register. The duplicated registers at offsets 8, 9 and Dh have no restrictions on the operations that
can be performed by the socket.
Data Register Access
DATA Register
CE2-
CE1-
A0
Offset
Data Bus
Word Data Register
0
0
X
0,8,9
D15-D0
Even Data Register
1
0
0
0,8
D7-D0
Odd Data Register
1
0
1
9
D7-D0
Odd Data Register
0
1
X
8,9
D15-D8
Error/Feature Register
1
0
1
1,Dh
D7-D0
Error/Feature Register
0
1
X
1
D15-D8
Error/Feature Register
0
0
X
Dh
D15-D8
2) Error Register (Address – 1F1h[171h];Offset 1,0Dh Read Only)
This register contains additional information about the source of an error when an error is
indicated in bit 0 of the Status register. The bits are defined as follows:
D7
D6
D5
D4
D3
D2
D1
D0
BBK
UNC
0
IDNF
0
ABRT
0
AMNF
Error Register
This register is also accessed on data bits D15-D8 during a write operation to offset 0 with -CE2 low and -CE1 high.
Bit 7 (BBK): this bit is set when a Bad Block is detected.
Bit 6 (UNC): this bit is set when an Uncorrectable Error is encountered.
Bit 5: this bit is 0.
Bit 4 (IDNF): the requested sector ID is not valid error or cannot be found.
Bit 3: this bit is 0.
Bit 2 (Abort) This bit is set if the command has been aborted because of a CompactFlash
Storage Card status condition: (Not Ready, Write Fault, etc.) or when an invalid command
has been issued.
Bit 1 This bit is 0.
Bit 0 (AMNF) This bit is set in case of a general error happened.
3) Feature Register(Address – 1F1h[171h];Offset 1,0Dh Writer Only)
This register provides information regarding features of the CompactFlash Storage Card that the host can utilize.
This register is also accessed on data bits D15-D8 during a write operation to Offset 0 with -CE2 low and -CE1 high.
BIT DESCRIPTION-
7
6
5
4
3
2
1
0
Command specific
4) Sector Count Register(Address – 1F2h[172h];Offset 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com