Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40KV032 Datasheet(PDF) 22 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV032 Datasheet(HTML) 22 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40KV032 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 19Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 26Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
22 / 22
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
18h
Corrected ECC Error
05h , 30-34h , 37h ,3Eh
Self Test or Diagnostic Failed
10h , 14h
ID Not Found
3Ah
Spare Sectors Exhausted
1Fh
Data Transfer Error / Aborted Command
0Ch , 38h , 3Bh , 3Ch , 3Fh
Corrupted Media Format
03h
Write / Erase Failed
22h
Power Level 1 Disabled
Seek –7X h
Bit->
7
6
5
4
3
2
1
0
Command(7)
7Xh
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
Cylinder Low (15 – 8)
Sec Num(3)
X (LBA 7 – 0)
Sec Cnt(2)
X
Feature(1)
X
Seek
This command is effectively a NOP command to the CompactFlash Storage Card although it does perform a range
check of cylinder and head or LBA address and returns an error if the address is out of range.
Set Features - EFh
Bit->
7
6
5
4
3
2
1
0
Command(7) EFh
C/D/H(6)
X
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
Configure
Feature(1)
Feature
Set Features
This command is used by the host to establish or select certain features. Table 45 defines all features that are
supported.
Feature Supported
Feature
Operation
01h
Enable 8 – bit data transfers
0Ah
Enable Power Level 1 commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com