Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40KV032 Datasheet(PDF) 21 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV032 Datasheet(HTML) 21 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40KV032 Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 19Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
21 / 21
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
Recablibrate – 1Xh
Bit->
7
6
5
4
3
2
1
0
Command(7)
1Xh
C/D/H(6)
1
LBA
1
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X
Feature(1)
X
Recalibrate
This command is effectively a NOP command to the CompactFlash Storage Card and is provided for compatibility
purposes.
Request Sense – 03h
Bit->
7
6
5
4
3
2
1
0
Command(7)
03h
C/D/H(6)
1
LBA
1
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X
Feature(1)
X
Request Sense
This command requests extended error information for the previous command. Table 41 defines the valid extended
error codes for the CompactFlash Storage Card Series product. The extended error code is returned to the host in
the Error Register.
Extended Error Codes
Extended Error Code
Description
00h
No Error Detected
01h
Self Test OK ( No Error )
09h
Miscellaneous Error
20h
Invalid Command
21h
Invalid Address ( Requested Head or Sector Invalid )
2Fh
Address Overflow ( address Too Large )
35h , 36h
Supply or generated Voltage Out of Tolerance
11h
Uncorrectable ECC Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com