Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40KV032 Datasheet(PDF) 11 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV032 Datasheet(HTML) 11 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40KV032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 15Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
11 / 11
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
This register contains the numbers of sectors of data requested to be transferred on a read or
write operation between the host and the CompactFlash Storage Card. If the value in this register is zero, a count
of 256 sectors is specified. If the command was successful, this register is zero at command completion. If not
successfully completed, the register contains the number of sectors that need to be transferred in order to
complete the request.
BIT DESCRIPTION-
7
6
5
4
3
2
1
0
Sector Count
5) Sector Number (LBA 7-0) Register(Address–1F3h[173h];Offset 3)
This register contains the starting sector number or bits 7-0 of the Logical Block Address (LBA)
for any CompactFlash Storage Card data access for the subsequent command.
BIT DESCRIPTION - CHS
7
6
5
4
3
2
1
0
Sector (7: 0)
LBA
7
6
5
4
3
2
1
0
LBA (7 : 0)
6) Cylinder Low (LBA 15-8 )Register (Address–1F4h[174h];Offset 4)
This register contains the low order 8 bits of the starting cylinder address or bits 15-8 of the
Logical Block Address.
DIT DESCRIPTION-
CHS
7
6
5
4
3
2
1
0
Cylinder ( 7: 0 )
LBA
7
6
5
4
3
2
1
0
LBA ( 15 : 8 )
7) Cylinder High(LBA 23–16)Register(Address–1F5h[175h]; Offset 6)
This register contains the high order bits of the starting cylinder address or bits 23-16 of the
Logical Block Address.
BIT DESCRIPTION-
CHS
7
6
5
4
3
2
1
0
Cylinder ( 15 :8 )
LBA
7
6
5
4
3
2
1
0
LBA ( 23 : 16 )
8) Status/Alternate Status Register(Address 1F7h[177h]/3F6h[376h];Offset 7/ Eh)
These registers return the CompactFlash Storage Card status when read by the host. Reading
the Status register does clear a pending interrupt, while reading the Alternate Status register does not. The status
bits are described as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com