Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40KV032 Datasheet(PDF) 14 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV032 Datasheet(HTML) 14 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40KV032 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 15Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 16Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
14 / 14
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
1
Set Sleep Mode
E6h or 99h
-
-
-
-
D
-
1
Stand By
E2h or 96h
-
-
-
-
D
-
1
Stand By Immediate
E0h or 94h
-
-
-
-
D
-
1
Translate Sector
87h
-
Y
Y
Y
Y
Y
1
Wear Level
F5h
-
-
-
-
Y
-
2
Write Buffer
E8h
-
-
-
--
D
-
2
Write Long Sector
32h or 33h
-
-
Y
Y
Y
Y
3
Write Multiple
C5h
-
Y
Y
Y
Y
Y
3
WriteMultiple w/o Erase
CDh
-
Y
Y
Y
Y
Y
2
Write Sector(s)
30h or 31h
-
Y
Y
Y
Y
Y
2
Write Sector(s) w/o Erase 38h
-
Y
Y
Y
Y
Y
3
Write Verify
3Ch
-
Y
Y
Y
Y
Y
Definitions:
--FR = Features Register
--SC = Sector Count Register
--SN = Sector Number Register
--CY = Cylinder Registers
--DH = Card/Drive/Head Register
--LBA = Logical Block Address Mode Supported (see command descriptions for use).
--Y - The register contains a valid parameter for this command. For the Drive/Head Register Y
means both the CompactFlash Storage Card and head parameters are used; D - only the CompactFlash
Storage Card parameter is valid and not the head parameter.
Check Power Mode – 98h or E5h
Bit->
7
6
5
4
3
2
1
0
Command(7)
98h or E5h
C/D/H(6)
X
Drive
X
Cly High(5)
X
Cly Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X
Feature(1)
X
Check Power Mode
This command checks the power mode. f the CompactFlash Storage Card is in, going to, or recovering
from the sleep mode, the CompactFlash Storage Card sets BSY, sets the Sector Count Register to 00h,
clears BSY and
generates an interrupt. If the CompactFlash Storage Card is in Idle mode, the
CompactFlash Storage Card sets BSY, sets the Sector Count Register to FFh, clears BSY and
generates an interrupt.
Execute Drive Diagnostic – 90h
Bit->
7
6
5
4
3
2
1
0
Command(7)
90h
C/D/H(6)
X
Drive
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com