Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40KV032 Datasheet(PDF) 20 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV032 Datasheet(HTML) 20 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40KV032 Datasheet HTML 16Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 19Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
20 / 20
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
The Read Long command performs similarly to the Read Sector(s) command except that it returns 516 bytes of
data instead of 512 bytes. During a Read Long command, the CompactFlash Storage Card does not check the
ECC bytes to determine if there has been a data error. Only single sector read long operations are supported. The
transfer consists of 512 bytes of data transferred in word mode followed by 4 bytes of ECC data transferred in byte
mode. This command has the same protocol as the Read Sector(s) command. Use of this command is not
recommended.
Read Sector(s) – 20h or 21h
Bit->
7
6
5
4
3
2
1
0
Command(7)
20h – 21h
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
Cylinder Low (15 – 8)
Sec Num(3)
Sector Number (LBA 7 – 0)
Sec Cnt(2)
Sector Count
Feature(1)
X
Read Sector(s)
This command reads from 1 to 256 sectors as specified in the Sector Count register. A sector count of 0 requests
256 sectors. The transfer begins at the sector specified in the Sector Number Register. When this command is
issued and after each sector of data (except the last one) has been read by the host, the CompactFlash Storage
Card sets BSY, puts the sector of data in the buffer, sets DRQ, clears BSY, and generates an interrupt. The host
then reads the 512 bytes of data from the buffer.
At command completion, the Command Block Registers contain the cylinder, head and sector number of the last
sector read. If an error occurs, the read terminates at the sector where the error occurred. The Command Block
Registers contain the cylinder, head, and sector number of the sector where the error occurred. The flawed data is
pending in the sector buffer.
Read Verify Sector(s) – 40h or 41h
Bit->
7
6
5
4
3
2
1
0
Command(7)
40h – 41h
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
Cylinder Low (15 – 8)
Sec Num(3)
Sector Number (LBA 7 – 0)
Sec Cnt(2)
Sector Count
Feature(1)
X
Read Verify Sector(s)
This command is identical to the Read Sectors command, except that DRQ is never set and no data is transferred
to the host. When the command is accepted, the CompactFlash Storage Card sets BSY.
When the requested sectors have been verified, the CompactFlash Storage Card clears BSY and generates an
interrupt. Upon command completion, the Command Block Registers contain the cylinder, head, and sector
number of the last sector verified.
If an error occurs, the verify terminates at the sector where the error occurs. The Command Block Registers
contain the cylinder, head and sector number of the sector where the error occurred. The Sector Count Register
contains the number of sectors not yet verified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com