Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40KV032 Datasheet(PDF) 26 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV032 Datasheet(HTML) 26 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40KV032 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 26Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 27Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 28Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 29Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 30Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
26 / 26
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
Completion Status
Feature(1)
X
Wear Level
For the CompactFlash Storage Cards that do not support security mode feature set, this
command is effectively a NOP command and only implemented for backward compatibility. The Sector Count
Register will always be returned with a 00h indicating Wear Level is not needed. If the CompactFlash Storage Card
supports security mode feature set, this command shall be handled as Security Freeze Lock.
Write Buffer – E8h
Bit->
7
6
5
4
3
2
1
0
Command(7)
E8h
C/D/H(6)
X
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X
Feature(1)
X
Write Buffer
The Write Buffer command enables the host to overwrite contents of the CompactFlash Storage Card’s sector
buffer with any data pattern desired. This command has the same protocol as the Write Sector(s) command and
transfers 512 bytes.
Write Long Sector –32h or 33h
Bit->
7
6
5
4
3
2
1
0
Command(7)
32h or 33h
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
Cylinder Low (15 – 8)
Sec Num(3)
Sector Number (LBA 7 – 0)
Sec Cnt(2)
X
Feature(1)
X
Write Long Sector
This command is similar to the Write Sector(s) command except that it writes 516 bytes instead of 512 bytes. Only
single sector Write Long operations are supported. The transfer consists of 512 bytes of data transferred in word
mode followed by 4 bytes of ECC transferred in byte mode. Because of the unique nature of the solid-state
CompactFlash Storage Card, the four bytes of ECC transferred by the host may be used by the CompactFlash
Storage Card. The CompactFlash Storage Card may discard these four bytes and write the sector with valid ECC
data. This command has the same protocol as the Write Sector(s) command. Use of this command is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com