Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40KV032 Datasheet(PDF) 24 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV032 Datasheet(HTML) 24 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40KV032 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 26Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 27Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 28Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
24 / 24
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
commands are disabled. At power on, or after a hardware or (unless disabled by a Set Feature command) software
reset, the default mode is Read and Write Multiple disabled.
Set Sleep Mode – 99h or E6h
Bit->
7
6
5
4
3
2
1
0
Command(7)
99h or E6h
C/D/H(6)
X
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X
Feature(1)
X
Set Sleep Mode
This command causes the CompactFlash Storage Card to set BSY, enter the Sleep mode, clear BSY and generate
an interrupt. Recovery from sleep mode is accomplished by simply issuing another command (a reset is permitted
but not required). Sleep mode is also entered when internal timer expires so the host does not need to issue this
command except when it wishes to enter Sleep mode immediately. The default value for the timer is 1.6
milliseconds. Note that this time base (1.6 msec) is different from the ATA Specification.
Standby – 96h or E2h
Bit->
7
6
5
4
3
2
1
0
Command(7)
96h or E2h
C/D/H(6)
X
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X
Feature(1)
X
Standby
This command causes the CompactFlash Storage Card to set BSY, enter the Sleep mode (which corresponds to
the ATA “Standby” Mode), clear BSY and return the interrupt immediately.
Recovery from sleep mode is accomplished by simply issuing another command (a reset is not required).
Standby Immediate – 94h or E0h
Bit->
7
6
5
4
3
2
1
0
Command(7)
94h or E0h
C/D/H(6)
X
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com