Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40KV032 Datasheet(PDF) 29 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV032 Datasheet(HTML) 29 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40KV032 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 26Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 27Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 28Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 29Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 30Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
29 / 29
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
Bit->
7
6
5
4
3
2
1
0
Command(7)
3Ch
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
LBA(15 – 8)
Sec Num(3)
Sector Number (LBA 7 – 0)
Sec Cnt(2)
Sector Count
Feature(1)
X
Write Verify
This command is similar to the Write Sector(s) command, except each sector is verified immediately after being
written. This command has the same protocol as the Write Sector(s) command.
Summaries of the valid status and error value for all the ATA Command set Error and Status Register
Error Register
Status Register
Command
BBk
UNC
IDNF
ABRT
AMNF DRDY DWF
DSC
CORR ERR
CheckPowerMode
V
V
V
V
V
ExecuteDriveDiagnostic
V
V
V
V
Erase Sector(s)
V
V
V
V
V
V
Format Track
V
V
V
V
V
V
Identify Drive
V
V
V
V
V
Idle
V
V
V
V
V
Idle Immediate
V
V
V
V
V
InitializeDriveParameter
V
V
V
Read Buffer
V
V
V
V
V
Read Multiple
V
V
V
V
V
V
V
V
V
Read Long Sector
V
V
V
V
V
V
V
Read Sector(s)
V
V
V
V
V
V
V
V
V
Read Verify Sectors
V
V
V
V
V
V
V
V
V
Recalibrate
V
V
V
V
V
Request Sense
V
V
V
V
V
Seek
V
V
V
V
V
Set Features
V
V
V
V
V
Set Multiple Mode
V
V
V
V
V
Set Sleep Mode
V
V
V
V
V
Stand By
V
V
V
V
V
Stand By Immediate
V
V
V
V
V
Translate Sector
V
V
V
V
V
V
Wear Level
V
V
V
V
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com