Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40KV032 Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV032 Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  DOM40KV032 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
2 / 2
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
Operating Voltage :
3.3V / 5.0V
10%
Power consumption : 3.3V
± 5%
Read mode
<30 mA
Write mode
<56 mA
Stop mode
<2 mA
Environment conditions :
Operating temperature
0°C to + 65°C
Storage temperature
- °C to + °C
Relative humidity
8% to 95%, non-condensing
ELECTRICAL SPECIFICATIONS
Table 1.1 Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VDD
Power supply
-0.3 to 6.0
V
VIN
Input voltage
-0.3 to VDD+0.3
V
VOUT
Output voltage
-0.3 to VDD+0.3
V
TSTG
Storage temperature
-25 to 125
oC
Table 1.2 Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Units
VDD
Power supply
3.0
5.5
V
VIN
Input voltage
0
VDD
V
TOPR
Operating temperature
0
65
oC
Table 1.3 DC Characteristics
Sym.
Parameter
Min
Typ
Max
Units
VIL
Input low voltage
0.3VDD
V
VIH
Input high voltage
0.7VDD
V
VIL
Schmitt input low voltage
1.22
V
VIH
Schmitt input high voltage
2.08
V
VOL
Output low voltage
0.4
V
VOH
Output high voltage
2.3
1
V
RI
Input pull up/down resistance
75
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com