Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40KV032 Datasheet(PDF) 25 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV032 Datasheet(HTML) 25 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40KV032 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 26Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 27Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 28Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 29Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
25 / 25
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
Sec Cnt(2)
X
Feature(1)
X
Standby Immediate
This command causes the CompactFlash Storage Card to set BSY, enter the Sleep mode (which corresponds to
the ATA “Standby” Mode), clear BSY and return the interrupt immediately.
Recovery from sleep mode is accomplished by simply issuing another command (a reset is not required).
Translate Sector – 87h
Bit->
7
6
5
4
3
2
1
0
Command(7)
87h
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
Cylinder Low (15 – 8)
Sec Num(3)
Sector Number (LBA 7 – 0)
Sec Cnt(2)
X
Feature(1)
X
Translate Sector
This command allows the host a method of determining the exact number of times a user sector has been erased
and programmed. The controller responds with a 512 byte buffer of information containing the desired cylinder,
head and sector, including its Logical Address, and the Hot Count, if available, for that sector. Table 46 represents
the information in the buffer. Please note that this command is unique to the CompactFlash Storage Card.
Address Information
ADDRESS
Information
00h – 01h
Cylinder MSB (00), Cylinder LSB (01)
02h
Head
03h
Sector
04h – 06h
LBA MSB (04) – LSB (06)
07h – 12h
Reserved
13h
Erased Flag (ffh) = Erased; 00h = Not Erased
14h – 17h
Reserved
18h – 1Ah
Hot Count MSB (18) – LSB (1A)
1bh – 1ffh
Reserved
Note 1: A value of 0 indicates Hot Count is not supported.
Wear Level – F5h
Bit->
7
6
5
4
3
2
1
0
Command(7)
F5h
C/D/H(6)
X
X
X
Drive
Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com