Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT815Q-R Datasheet(PDF) 18 Page - Bridgetek Pte Ltd.

Part # BT815Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT815Q-R Datasheet(HTML) 18 Page - Bridgetek Pte Ltd.

Back Button BT815Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Copyright © Bridgetek Pte Ltd
18
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
1st Byte
2nd byte
3rd byte
Command
Description
08h
DISP
09h
DE
0Ah
VSYNC / HSYNC
0Bh
PCLK
0Ch
BACKLIGHT
0Dh
R[7:0], G[7:0], B[7:0]
0Eh
AUDIO_L
0Fh
INT_N
10h
CTP_RST_N
11h
CTP_SCL
12h
CTP_SDA
13h
SPI MISO/MOSI/IO2/IO3
14h
SPIM_SCLK
15h
SPIM_SS_N
16h
SPIM_MISO
17h
SPIM_MOSI
18h
SPIM_IO2
19h
SPIM_IO3
Others
Reserved
Note: GPIO0 shares the same pin as SPI
IO2 and GPIO1 with SPI IO3. When SPI is
set in Quad mode, IO2 and IO3 will inherit
the drive strength set in GROUP 13h;
otherwise GPIO0 and GPIO1 will inherit the
drive strength from GROUP 00h and 01h
respectively.
01110001b
xx
00000000b
71h
PIN_PD_STA
TE
During power down, all output and in/out
pins will not be driven. Please refer to Table
4-21 for their default power down state.
These settings will only be effective during
power down and will not affect normal
operations.
Also
note
that
these
configuration bits are sticky and, unlike
other configuration bits, will not reset to
default values upon exiting power down.
Only POR will reset them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com