Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT815Q-R Datasheet(PDF) 59 Page - Bridgetek Pte Ltd.

Part # BT815Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT815Q-R Datasheet(HTML) 59 Page - Bridgetek Pte Ltd.

Back Button BT815Q-R Datasheet HTML 55Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 56Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 57Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 58Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 59Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 60Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 61Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 62Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 63Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
Copyright © Bridgetek Pte Ltd
59
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
9 Contact Information
Head Quarters – Singapore
Branch Office – Taipei, Taiwan
Bridgetek Pte Ltd
178 Paya Lebar Road, #07-03
Singapore 409030
Tel: +65 6547 4827
Fax: +65 6841 6071
Bridgetek Pte Ltd, Taiwan Branch
2 Floor, No. 516, Sec. 1, Nei Hu Road, Nei Hu District
Taipei 114
Taiwan, R.O.C.
Tel: +886 (2) 8797 5691
Fax: +886 (2) 8751 9737
E-mail (Sales)
sales.apac@brtchip.com
E-mail (Sales)
sales.apac@brtchip.com
E-mail (Support)
support.apac@brtchip.com
E-mail (Support)
support.apac@brtchip.com
Branch Office - Glasgow, United Kingdom
Branch Office – Vietnam
Bridgetek Pte. Ltd.
Unit 1, 2 Seaward Place, Centurion Business Park
Glasgow G41 1HH
United Kingdom
Tel: +44 (0) 141 429 2777
Fax: +44 (0) 141 429 2758
Bridgetek VietNam Company Limited
Lutaco Tower Building, 5th Floor, 173A Nguyen Van
Troi,
Ward 11, Phu Nhuan District,
Ho Chi Minh City, Vietnam
Tel : 08 38453222
Fax : 08 38455222
E-mail (Sales)
sales.emea@brtichip.com
E-mail (Sales)
sales.apac@brtchip.com
E-mail (Support)
support.emea@brtchip.com
E-mail (Support)
support.apac@brtchip.com
Web Site
http://brtchip.com/
Distributor and Sales Representatives
Please visit the Sales Network page of the Bridgetek Web site for the contact details of our distributor(s) and sales
representative(s) in your country.
System and equipment manufacturers and designers are responsible to ensure that their systems, and any Bridgetek Pte Ltd (BRT
Chip) devices incorporated in their systems, meet all applicable safety, regulatory and system-level performance requirements. All
application-related information in this document (including application descriptions, suggested Bridgetek devices and other materials) is
provided for reference only. While Bridgetek has taken care to assure it is accurate, this information is subject to customer
confirmation, and Bridgetek disclaims all liability for system designs and for any applications assistance provided by Bridgetek. Use of
Bridgetek devices in life support and/or safety applications is entirely at the user’s risk, and the user agrees to defend, indemnify and
hold harmless Bridgetek from any and all damages, claims, suits or expense resulting from such use. This document is subject to
change without notice. No freedom to use patents or other intellectual property rights is implied by the publication of this document.
Neither the whole nor any part of the information contained in, or the product described in this document, may be adapted or
reproduced in any material or electronic form without the prior written consent of the copyright holder. Bridgetek Pte Ltd, 178 Paya
Lebar Road, #07-03, Singapore 409030. Singapore Registered Company Number: 201542387H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com