Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT815Q-R Datasheet(PDF) 44 Page - Bridgetek Pte Ltd.

Part # BT815Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT815Q-R Datasheet(HTML) 44 Page - Bridgetek Pte Ltd.

Back Button BT815Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
Copyright © Bridgetek Pte Ltd
44
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
30208Ch
REG_PLAY
1
r/w
0h
Start effect playback
302090h
REG_GPIO_DIR
8
r/w
80h
Legacy GPIO pin direction,
0 = input , 1 = output
302094h
REG_GPIO
8
r/w
00h
Legacy GPIO read/write
302098h
REG_GPIOX_DIR
16
r/w
8000h
Extended GPIO pin direction,
0 = input , 1 = output
30209Ch
REG_GPIOX
16
r/w
0080h
Extended GPIO read/write
3020A0h-
3020A4h
Reserved
-
-
-
Reserved
3020A8h
REG_INT_FLAGS
8
r/o
00h
Interrupt flags, clear by read
3020Ach
REG_INT_EN
1
r/w
0
Global interrupt enable, 1=enable
3020B0h
REG_INT_MASK
8
r/w
FFh
Individual interrupt enable, 1=enable
3020B4h
REG_PLAYBACK_START
20
r/w
0
Audio playback RAM start address
3020B8h
REG_PLAYBACK_LENGTH
20
r/w
0
Audio playback sample length (bytes)
3020BCh
REG_PLAYBACK_READPTR
20
r/o
-
Audio playback current read pointer
3020C0h
REG_PLAYBACK_FREQ
16
r/w
8000
Audio playback sampling frequency (Hz)
3020C4h
REG_PLAYBACK_FORMAT
2
r/w
0
Audio playback format
3020C8h
REG_PLAYBACK_LOOP
1
r/w
0
Audio playback loop enable
3020CCh
REG_PLAYBACK_PLAY
1
r/w
0
Start audio playback
3020D0h
REG_PWM_HZ
14
r/w
250
BACKLIGHT PWM output frequency (Hz)
3020D4h
REG_PWM_DUTY
8
r/w
128
BACKLIGHT PWM output duty cycle
0=0%, 128=100%
3020D8h
REG_MACRO_0
32
r/w
0
Display list macro command 0
3020DCh
REG_MACRO_1
32
r/w
0
Display list macro command 1
3020E0h –
3020F4h
Reserved
-
-
-
Reserved
3020F8h
REG_CMD_READ
12
r/w
0
Command buffer read pointer
3020FCh
REG_CMD_WRITE
12
r/o
0
Command buffer write pointer
302100h
REG_CMD_DL
13
r/w
0
Command display list offset
302104h
REG_TOUCH_MODE
2
r/w
3
Touch-screen sampling mode
302108h
REG_TOUCH_ADC_MODE
REG_CTOUCH_EXTENDED
1
r/w
1
Set Touch ADC mode
Set capacitive touch operation mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com