Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT815Q-R Datasheet(PDF) 36 Page - Bridgetek Pte Ltd.

Part # BT815Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT815Q-R Datasheet(HTML) 36 Page - Bridgetek Pte Ltd.

Back Button BT815Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Copyright © Bridgetek Pte Ltd
36
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
communicating with the touch controller, fetching the touch data when reported, and writing the touch
data to the BT815 for touch TAG lookup and reporting.
The touch host mode can be entered by setting bit 14 in register REG_TOUCH_CONFIG and resetting the
touch engine:
-
Hold the touch engine in reset (set REG_CPURESET = 2)
-
Write 1 to bit 14 in REG_TOUCH_CONFIG (set REG_TOUCH_CONFIG = 0x4000)
-
Release the touch engine reset (set REG_CPURESET = 0)
Figure 4-11 Touch Host Mode Connections
In touch host mode, the host supplies touch information via four registers:
BT815
address
Register Name
Bits
Description
0x30210c
REG_EHOST_TOUCH_X
Unsigned
16-bit
Touch x coordinate
0x302118
REG_EHOST_TOUCH_Y
Unsigned
16-bit
Touch y coordinate
0x302114
REG_EHOST_TOUCH_ID
4-bit
Touch ID / phase
0x302170
REG_EHOST_TOUCH_ACK
4-bit
Acknowledgement
Table 4-19
Registers for Touch Host Mode
The host writes raw (x; y) coordinates and IDs to the above registers. Up to 5 touches can be set, using
touch IDs 0-4. The host indicates no touch by supplying coordinates (0x8000; 0x8000). When the host
writes 0xf to the ID register, BT815 sets the ACK register to 0, transforms all the raw coordinates, and
writes the results to the regular touch registers.
Pseudocode:
wait until REG_EHOST_TOUCH_ACK is 1
for each touch:
write x coordinate to REG_EHOST_TOUCH_X
write y coordinate to REG_EHOST_TOUCH_Y
write id to REG_EHOST_TOUCH_ID
write 0xf to REG_EHOST_TOUCH_ID
As soon as BT815 has converted the coordinates, it writes 1 to the ACK register and sets the INT_CONV
_COMPLETE interrupt flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com