Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT815Q-R Datasheet(PDF) 19 Page - Bridgetek Pte Ltd.

Part # BT815Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT815Q-R Datasheet(HTML) 19 Page - Bridgetek Pte Ltd.

Back Button BT815Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
Copyright © Bridgetek Pte Ltd
19
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
1st Byte
2nd byte
3rd byte
Command
Description
Byte2 determines which pin and the setting
are to be updated.
Byte2[1:0] determine the pin state.
Byte2 [1:0]
Pin Setting
0h
Float
1h
Pull-Down
2h
Pull-Up
3h
Reserved
Byte2[7:2] determine which pin/pin group
to set.
Please refer to the table in command
PINDRIVE entry.
Table 4-5 Host Command List
Note: Any command code not specified is reserved and should not be used by the software
4.1.6
Interrupts
The interrupt output pin is enabled by REG_INT_EN. When REG_INT_EN is 0, INT_N is tri-state (pulled to
high by external pull-up resistor). When REG_INT_EN is 1, INT_N is driven low when any of the interrupt
flags in REG_INT_FLAGS are high, after masking with REG_INT_MASK. Writing a ‘1’ in any bit of
REG_INT_MASK will enable the corresponding interrupt. Each bit in REG_INT_FLAGS is set by a
corresponding interrupt source. REG_INT_FLAGS is readable by the host at any time, and clears when
read.
The INT_N pin is open-drain (OD) output by default. It can be configured to push-pull output by register
REG_GPIOX.
Bit
7
6
5
4
Interrupt Sources
CONVCOMPLETE
CMDFLAG
CMDEMPTY
PLAYBACK
Conditions
Touch-screen
conversions
completed
Command FIFO
flag
Command FIFO
empty
Audio playback
ended
Bit
3
2
1
0
Interrupt Sources
SOUND
TAG
TOUCH
SWAP
Conditions
Sound effect
ended
Touch-screen tag
value change
touch detected
Display list swap
occurred
Table 4-6 Interrupt Flags bit assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com