Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT815Q-R Datasheet(PDF) 26 Page - Bridgetek Pte Ltd.

Part # BT815Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT815Q-R Datasheet(HTML) 26 Page - Bridgetek Pte Ltd.

Back Button BT815Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
Copyright © Bridgetek Pte Ltd
26
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
4.4 SPI NOR Flash Interface
The BT815/6 implements a SPI master to connect to external SPI NOR Flash. Graphics assets such as
Unicode fonts and images can be stored in the flash memory. The BT815/6 graphics engine can fetch
these graphics assets directly without going through external host MCU, thus significantly offloading the
host MCU from feeding display contents.
The BT815/6 supports various NOR flash memory device from different vendors such as Macronix,
Winbond, Micron, ISSI and Gigadevice. The interface will work at system clock speed (up to 72MHz) at 4
bit mode.
Figure 4-7 Flash Interface States
The register REG_FLASH_STATE indicates the state of the flash subsystem. At boot the flash state is
FLASH_STATE_INIT. After detection has completed flash is in state FLASH_STATE_DETACHED or
FLASH_STATE_BASIC, depending on whether an attached flash device was detected.
If no device is detected, then all SPI output signals are driven low.
When the host MCU calls CMD_FLASHFAST, the flash system attempts to go to full-speed mode, setting
state to FLASH_STATE_FULL.
At any time the user can call CMD_FLASHDETACH in order to disable flash communications. In the
detached state, commands CMD_FLASHSPIDESEL, CMD_FLASHSPITX and CMD_FLASHSPIRX can be used
to control the SPI bus.
If detached, the host MCU can call CMD_FLASHATTACH to re-establish communication with the flash
device.
Direct rendering of bitmaps from flash is only possible in FLASH_STATE_FULL. After modifying the
contents of flash, the MCU should clear the on-chip bitmap cache by calling CMD_CLEARCACHE.
4.5 Parallel RGB Interface
The RGB parallel interface consists of 29 signals - DISP, PCLK, VSYNC, HSYNC, DE, 8 signals each for R,
G and B.
A set of RGB registers configure the LCD operation and timing parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com