Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT815Q-R Datasheet(PDF) 48 Page - Bridgetek Pte Ltd.

Part # BT815Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT815Q-R Datasheet(HTML) 48 Page - Bridgetek Pte Ltd.

Back Button BT815Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 51Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 52Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Copyright © Bridgetek Pte Ltd
48
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
6 Devices Characteristics and Ratings
6.1 Absolute Maximum Ratings
The absolute maximum ratings for the BT815/6 devices are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Storage Temperature
-65 to +150
°C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168 (IPC/JEDEC J-STD-033A MSL Level 3
Compliant)*
Hours
Ambient Temperature (Power Applied)
-40 to +85
°C
VCC Supply Voltage
0 to +4
V
VCCIO Supply Voltage
0 to +4
V
DC Input Voltage
-0.5 to + (VCCIO + 0.3)
V
Table 6-1 Absolute Maximum Ratings
* If the devices are stored out of the packaging, beyond this time limit, the devices should be baked
before use. The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.
6.2 ESD and Latch-up Specifications
Description
Specification
Human Body Mode (HBM)
> ± 2kV
Machine mode (MM)
> ± 200V
Latch-up
> ± 200mA
Table 6-2 ESD and Latch-Up Specifications
6.3 DC Characteristics
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCCIO1/
VCCIO2/VCC
IO3
VCCIO operating
supply voltage
1.62
1.80
1.98
V
Normal Operation
2.25
2.50
2.75
V
2.97
3.30
3.63
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com