Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT815Q-R Datasheet(PDF) 38 Page - Bridgetek Pte Ltd.

Part # BT815Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT815Q-R Datasheet(HTML) 38 Page - Bridgetek Pte Ltd.

Back Button BT815Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Copyright © Bridgetek Pte Ltd
38
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
4.9.2
Internal Regulator and POR
The internal regulator provides power to the core circuit. A 47kΩ resistor is recommended to pull the
PD_N pin up to VCCIO1, together with a 100nF capacitor to ground in order to delay the internal
regulator powering up after the VCC and VCCIO are stable.
The internal regulator requires a compensation capacitor to be stable. A typical design requires a 4.7uF
capacitor between the VOUT1V2 and GND pins. Do not connect any other load to the VOUT1V2 pin.
The internal regulator will generate a Power-On-Reset (POR) pulse when the output voltage rises above
the POR threshold. The POR will reset all the core digital circuits.
It is possible to use the PD_N pin as an asynchronous hardware reset input. Drive PD_N low for at least
5ms and then drive it high will reset the BT815/6 chip.
Figure 4-12 Internal Regulator
4.9.3
Power Modes
When the supply to VCCIO and VCC is applied, the internal regulator is powered by VCC. An internal POR
pulse will be generated during the regulator power up until it is stable. After the initial power up, the
BT815/6 will stay in the SLEEP state. When needed, the host can set the BT815/6 to the ACTIVE state by
performing a SPI ACTIVE command. The graphics engine, the audio engine and the touch engine are only
functional in the ACTIVE state. To save power the host can send a command to put the BT815/6 into any
of the low power modes: STANDBY, SLEEP and POWERDOWN. In addition, the host is allowed to put the
BT815/6 in POWERDOWN mode by driving the PD_N pin to low, regardless of what state it is currently in.
Refer to Figure 4-13 for the power state transitions.
VCC
PD_N
VOUT1V2
VCC
GND
GND
GND
VCCIO1
C1
R1
C2
10uF
100nF
GND
C3
4.7uF
47k
BT815/6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com