Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT815Q-R Datasheet(PDF) 9 Page - Bridgetek Pte Ltd.

Part # BT815Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT815Q-R Datasheet(HTML) 9 Page - Bridgetek Pte Ltd.

Back Button BT815Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Copyright © Bridgetek Pte Ltd
9
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
Pin Number
Pin Name
Type
Description
BT815
BT816
17
17
VCCIO3
P
I/O power supply for SPIM pins. Support 1.8V, 2.5V
or 3.3V.
VCCIO3 can be connected to different voltage with
VCCIO1 or VCCIO2.
18
18
SPIM_MISO
I/O
SPI flash MISO line
Powered from pin VCCIO3
19
19
SPIM_IO2
I/O
SPI flash IO2 line
Powered from pin VCCIO3
20
20
SPIM_IO3
I/O
SPI flash IO3 line
Powered from pin VCCIO3
21
21
X1/CLK
I
Crystal oscillator or clock input
3.3V peak input allowed.
Powered from pin VCC.
22
22
X2
O
Crystal oscillator output
Powered from pin VCC.
23
23
GND
P
Ground
24
24
VCC
P
3.3V power supply input.
25
25
VOUT1V2
P
1.2V regulator output pin. Connect a 4.7uF
decoupling capacitor to GND.
26
26
AUDIO_L
O
Audio Sigma-delta output
Powered from pin VCCA
27
27
VCCA
P
3.3V power supply input.
28
28
VCCIO2
P
I/O power supply for RGB and touch pins. Supports
1.8V, 2.5V or 3.3V. VCCIO2 can be connected to
different voltage with VCCIO1 or VCCIO3.
-
29
XP
AI/O
Connect to X right electrode of 4-wire resistive touch-
screen panel.
Powered from pin VCCIO2.
-
30
YP
AI/O
Connect to Y top electrode of 4-wire resistive touch-
screen panel.
Powered from pin VCCIO2.
-
31
XM
AI/O
Connect to X left electrode of 4-wire resistive touch-
screen panel.
Powered from pin VCCIO2.
-
32
YM
AI/O
Connect to Y bottom electrode of 4-wire resistive
touch-screen panel.
Powered from pin VCCIO2.
29
-
CTP_RST_N
O
Connect to reset pin of the CTPM.
Powered from pin VCCIO2.
30
-
CTP_INT_N
I/O
Connect to interrupt pin of the CTPM.
Powered from pin VCCIO2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com