Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT815Q-R Datasheet(PDF) 43 Page - Bridgetek Pte Ltd.

Part # BT815Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT815Q-R Datasheet(HTML) 43 Page - Bridgetek Pte Ltd.

Back Button BT815Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Copyright © Bridgetek Pte Ltd
43
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
302024h
REG_TAP_CRC
32
r/o
-
Live video tap crc. Frame CRC is
computed every DL SWAP.
302028h
REG_TAP_MASK
32
r/w
FFFFFFFFh
Live video tap mask
30202Ch
REG_HCYCLE
12
r/w
224h
Horizontal total cycle count
302030h
REG_HOFFSET
12
r/w
02Bh
Horizontal display start offset
302034h
REG_HSIZE
12
r/w
1E0h
Horizontal display pixel count
302038h
REG_HSYNC0
12
r/w
000h
Horizontal sync fall offset
30203Ch
REG_HSYNC1
12
r/w
029h
Horizontal sync rise offset
302040h
REG_VCYCLE
12
r/w
124h
Vertical total cycle count
302044h
REG_VOFFSET
12
r/w
00Ch
Vertical display start offset
302048h
REG_VSIZE
12
r/w
110h
Vertical display line count
30204Ch
REG_VSYNC0
10
r/w
000h
Vertical sync fall offset
302050h
REG_VSYNC1
10
r/w
00Ah
Vertical sync rise offset
302054h
REG_DLSWAP
2
r/w
0
Display list swap control
302058h
REG_ROTATE
3
r/w
0
Screen rotation control. Allow
normal/mirrored/inverted for landscape
or portrait orientation.
30205Ch
REG_OUTBITS
9
r/w
0
Output bit resolution, 3 register bits each
for R/G/B. 0 indicates 8 bits, 1-7
indicates 1-7 bits respectively.
302060h
REG_DITHER
1
r/w
1
Output dither enable
302064h
REG_SWIZZLE
4
r/w
0
Output RGB signal swizzle
302068h
REG_CSPREAD
1
r/w
1
Output clock spreading enable
30206Ch
REG_PCLK_POL
1
r/w
0
PCLK polarity:
0 = output on PCLK rising edge,
1 = output on PCLK falling edge
302070h
REG_PCLK
8
r/w
0
PCLK frequency divider, 0 = disable
302074h
REG_TAG_X
11
r/w
0
Tag query X coordinate
302078h
REG_TAG_Y
11
r/w
0
Tag query Y coordinate
30207Ch
REG_TAG
8
r/o
0
Tag query result
302080h
REG_VOL_PB
8
r/w
FFh
Volume for playback
302084h
REG_VOL_SOUND
8
r/w
FFh
Volume for synthesizer sound
302088h
REG_SOUND
16
r/w
0
Sound effect select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com